Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6904 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CPH6904
Description  N-Channel JFET 25V, 20 to 40mA, 40mS, Dual CPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH6904 Datasheet(HTML) 5 Page - ON Semiconductor

  CPH6904 Datasheet HTML 1Page - ON Semiconductor CPH6904 Datasheet HTML 2Page - ON Semiconductor CPH6904 Datasheet HTML 3Page - ON Semiconductor CPH6904 Datasheet HTML 4Page - ON Semiconductor CPH6904 Datasheet HTML 5Page - ON Semiconductor CPH6904 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CPH6904
No. A1966-5/6
Outline Drawing
Land Pattern Example
CPH6904-TL-E
Mass (g) Unit
0.015
* For reference mm
Unit: mm
0.6
0.95
0.95


Similar Part No. - CPH6904

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6904 SANYO-CPH6904 Datasheet
372Kb / 4P
   N-Channel Silicon MOSFET High-Frequency Low-Noise Amplifi er Applications
More results

Similar Description - CPH6904

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D_07 Datasheet
359Kb / 6P
   25V Dual N-Channel MOSFET
TSM4410D TSC-TSM4410D_08 Datasheet
128Kb / 6P
   25V Dual N-Channel MOSFET
logo
New Jersey Semi-Conduct...
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
   DUAL N-CHANNEL JFET
logo
Calogic, LLC
U421 CALOGIC-U421 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
New Jersey Semi-Conduct...
2N5905 NJSEMI-2N5905 Datasheet
82Kb / 1P
   DUAL N-CHANNEL JFET
2N5565 NJSEMI-2N5565 Datasheet
65Kb / 1P
   DUAL N-CHANNEL JFET
2N4082 NJSEMI-2N4082 Datasheet
73Kb / 1P
   DUAL N-CHANNEL JFET
2N5453 NJSEMI-2N5453 Datasheet
74Kb / 1P
   DUAL N-CHANNEL JFET
logo
Alpha & Omega Semicondu...
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com