Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F020HA-90T Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT28F020HA-90T
Description  2 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F020HA-90T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT28F020HA-90T Datasheet HTML 3Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 4Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 5Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 6Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 7Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 8Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 9Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 10Page - ON Semiconductor CAT28F020HA-90T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT28F020
7
Doc. No. MD-1029, Rev. F
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
FUNCTION TABLE(1)
Pins
Mode
CE
OE
WE
VPP
I/O
Notes
Read
VIL
VIL
VIH
VPPL
DOUT
Output Disable
VIL
VIH
VIH
X
High-Z
Standby
VIH
XX
VPPL
High-Z
Signature (MFG)
VIL
VIL
VIH
X
31H
A0 = VIL, A9 = 12V
Signature (Device)
VIL
VIL
VIH
X
BDH
A0 = VIH, A9 = 12V
Program/Erase
VIL
VIH
VIL
VPPH
DIN
See Command Table
Write Cycle
VIL
VIH
VIL
VPPH
DIN
During Write Cycle
Read Cycle
VIL
VIL
VIH
VPPH
DOUT
During Write Cycle
WRITE COMMAND TABLE
Commands are written into the command register in one or two write cycles. The command register can be altered
only when VPP is high and the instruction byte is latched on the rising edge of WE. Write cycles also internally latch
addresses and data required for programming and erase operations.
Pins
First Bus Cycle
Second Bus Cycle
Mode
Operation
Address
DIN
Operation
Address
DIN
DOUT
Set Read
Write
X
00H
Read
AIN
DOUT
Read Sig. (MFG)
Write
X
90H
Read
00
31H
Read Sig. (Device)
Write
X
90H
Read
01
BDH
Erase
Write
X
20H
Write
X
20H
Erase Verify
Write
AIN
A0H
Read
X
DOUT
Program
Write
X
40H
Write
AIN
DIN
Program Verify
Write
X
C0H
Read
X
DOUT
Reset
Write
X
FFH
Write
X
FFH
Note:
1.
Logic Levels: X = Logic ‘Do not care’ (VIH, VIL, VPPL, VPPH)


Similar Part No. - CAT28F020HA-90T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020HA-90T CATALYST-CAT28F020HA-90T Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020HA-90T ONSEMI-CAT28F020HA-90T Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020HA-90T ONSEMI-CAT28F020HA-90T Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020HA-90T ONSEMI-CAT28F020HA-90T Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results

Similar Description - CAT28F020HA-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com