Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV010A-10JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT17LV010A-10JC
Description  FPGA Serial Configuration Memories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010A-10JC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT17LV010A-10JC Datasheet HTML 1Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 2Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 3Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 4Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 5Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 6Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 7Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 8Page - ATMEL Corporation AT17LV010A-10JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT17C/LV/512A/010A
4
Pin Configurations
Pin Number
(20-Pin PLCC)
Pin Name
Pin Type
Description
2
DATA
Output
Serial data output.
4
DCLK
I/O
Clock output or clock input. Rising edges on DCLK increment the internal address
counter and present the next bit of data to the DATA pin. The counter is incremented
only if the OE input is held high, the nCS input is held low, and all configuration data
has not been transferred to the target device (otherwise, in FPGA 10K master mode,
the DCLK pin drives low).
5
WP1
Input
WRITE PROTECT (1). Used to protect portions of memory during programming. See
programming guide for details.
8
RESET/OE
Input
Output enable (active high) and reset (active low). A low logic level resets the address
counter. A high logic level enables DATA and permits the address counter to count. In
the mode, if this pin is low (reset), the internal oscillator becomes inactive and DCLK
drives low.
9
nCS
Input
Chip select input (active low). A low input allows DCLK to increment the address
counter and enables DATA to drive out. If the AT17A Series is reset with nCS low, the
device initializes as the first device in a daisy-chain. If the AT17A Series is reset with
nCS high, the device initializes as the next AT17A Series device in the chain
10
GND
Ground
A 0.2
µF decoupling capacitor should be placed between the V
CC and GND pins.
12
nCASC
Output
Cascade select output (active low). This output goes low when the address counter
has reached its maximum value. In a daisy-chain of AT17A Series devices, the
nCASC pin of one device is usually connected to the nCS input pin of the next device
in the chain, which permits DCLK to clock data from the next AT17A Series device in
the chain.
A2
Input
Device selection input, A2. This is used to enable (or select) the device during
programming, when SER_EN is Low (see Programming Guide for more details)
15
READY
Output
Open collector reset state indicator. Driven Low during power-up reset, released when
power-up is complete. (Recommend a 4.7K
Ω Pull-up on this pin if used).
18
SER_EN
Input
Serial enable is normally high during FPGA loading operations. Bringing SER_EN
Low, enables the two wire serial interface mode for programming.
20
V
CC
Power
Power pin.
Absolute Maximum Ratings*
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the
device. These are stress ratings only, and functional
operation of the device at these or any other condi-
tions beyond those listed under Operating Conditions
is not implied. Exposure to Absolute Maximum Rat-
ings conditions for extended periods of time may
affect device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .............................-0.1V to V
CC + 0.5V
Supply Voltage (V
CC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 s @ 1/16 in.)..................260
°C
ESD (R
ZAP = 1.5K, CZAP = 100 pF) ................................ 2000V


Similar Part No. - AT17LV010A-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010A-10JC ATMEL-AT17LV010A-10JC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV010A-10JC ATMEL-AT17LV010A-10JC Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV010A-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com