Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDR6100-02500 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MDR6100-02500
Description  PHASE LOCKED OSCILLATOR MODEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MDR6100-02500 Datasheet(HTML) 1 Page - API Technologies Corp

  MDR6100-02500 Datasheet HTML 1Page - API Technologies Corp MDR6100-02500 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +65 ºC
Frequency (MHz)2
2500
2500
Supply Power DC6
+12
+12
mA
265
275
PHASE LOCKED OSCILLATOR
MODEL MDR6100-02500 (2500 MHz)
VSWR
1.5
2.0
Phase Noise (dB)5
-109 dBc/Hz @ 1 KHz
-119 dBc/Hz @ 10 KHz
-125 dBc/Hz @ 100 KHz
-141 dBc/Hz @ 1 MHz
Spurious (dBc)
-80
-70
Variation Over
Temperature (dBm)
+/- 0.75
+/- 1
Output Power (dBm)4
+13
+12
Specifications1
Features
!
!
!
!
! Low Phase Noise: -125 dBc/Hz @ 100 kHz
!
!
!
!
! Low Spurious: -80 dBc Typical
!
!
!
!
! External Reference
!
!
!
!
! Environmental Screening Available
Harmonics (dBc)
-20
-15
Spectrum Microwave, Inc.
2707 Black Lake Place Phila, Pa. 19154
www.SpectrumMicrowave.com
PH: 215-464-4000 FAX: 215-464-4001
Rev.
3/19/09
Description
Spectrum Microwave’s Series MDR6100 Phase
Locked Oscillators use a Dielectric Resonator in
the resonant circuit. The circuit is lightly loaded to
obtain the lowest phase noise possible.
The resonator is epoxied to a printed circuit
board and well grounded to minimize modulation
sidebands during shock and vibration.
Buffer amplifiers are used to provide isolation
from load VSWRs; Regulators filter noise on
the DC input voltage.
Internal reference models are also available.
A lock indicator circuit is provided to signal an
out-of-lock condition.
Notes:
1. Specifications labeled “min.” or “max.” are guaranteed in a 50 Ohm system over the
specified temperature range.
2. Output frequency must be specified, and it is an integer multiple of the internal crystal
reference frequency.
3. Mechanical tuning of PLO in unlocked mode.
4. Higher output power is available.
5. Phase Noise at offsets <100 kHz is dependent on external reference and can be
approximated as follows: Phase Noise (dB) = 20log(N) +3 dB above the external reference
phase noise, where N = multiple of reference.
6. Other input voltages are available.
7. Actual or impending loss of lock.
8. Package must be verified by Spectrum Microwave.
External Reference
100 MHz
1 / 200 MHz
Lock Indicator
TTL (High=Locked)
TTL (Low=Unlocked)
Mechanical Tuning
Bandwidth (MHz)3
+/- 10
+/- 10 Min.
Phase Voltage
Set to (nom.)
+5.0 VDC
Lock Range (min.)
+2 to +9 VDC
Phase-Lock Alarm
Transistor Collector (NPN)
Locked
Open Vc = 30 VDC max.
Unlocked7
Saturated to Ground
Vce = +0.5 VDC max.
Ic = 50 mA max.


Similar Part No. - MDR6100-02500

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MDR6100-04000 APITECH-MDR6100-04000 Datasheet
76Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR6100-06000 APITECH-MDR6100-06000 Datasheet
77Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR6100-08000 APITECH-MDR6100-08000 Datasheet
77Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
More results

Similar Description - MDR6100-02500

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MDR6100-04000 APITECH-MDR6100-04000 Datasheet
76Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR5100-16000 APITECH-MDR5100-16000 Datasheet
327Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR5100-14000 APITECH-MDR5100-14000 Datasheet
324Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR5100-04000 APITECH-MDR5100-04000 Datasheet
331Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
621526 APITECH-621526 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
621524 APITECH-621524 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
621519 APITECH-621519 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
626106 APITECH-626106 Datasheet
88Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR6100-19000 APITECH-MDR6100-19000 Datasheet
76Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR6100-18000 APITECH-MDR6100-18000 Datasheet
76Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
MDR6100-08000 APITECH-MDR6100-08000 Datasheet
77Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com