Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN745 Datasheet(PDF) 2 Page - API Technologies Corp

Part # MN745
Description  Phase Locked Voltage Controlled SAW Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MN745 Datasheet(HTML) 2 Page - API Technologies Corp

  MN745 Datasheet HTML 1Page - API Technologies Corp MN745 Datasheet HTML 2Page - API Technologies Corp MN745 Datasheet HTML 3Page - API Technologies Corp MN745 Datasheet HTML 4Page - API Technologies Corp MN745 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MN745-0640.00-10.00
Preliminary Specifications
Revision 060506
Micro Networks Corporation
324 Clark Street Worcester, MA 01606
tel: 508-852-5400
Specifications apply at Vcc = 5.0V and Tcase = 25°C unless otherwise specified.
Parameter
Minimum Typical Maximum Units
Notes
Center Frequency Range
375
625
750
MHz
m
p
p
0
0
1
0
0
1
-
e
g
n
a
R
k
c
o
L
C
°
5
8
o
t
C
°
0
4
-
m
B
d
2
1
0
1
8
r
e
w
o
P
t
u
p
t
u
O
c
B
d
0
3
-
s
u
o
ir
u
p
S
c
i
n
o
m
r
a
H
Non-coherent Spurious
-75
dBc
Reference Spurious
-65
dBc
Note 1
Reference Frequency
1
32
MHz
e
s
i
o
N
e
s
a
h
P
B
S
S
∆f = 10 Hz
-65
Note 1
∆f = 100 Hz
-95
Note 1
∆f = 1 kHz
-110
dBc/Hz Note 1
∆f = 10 kHz
-115
dBc/Hz Note 1
∆f = 100 kHz
-140
dBc/Hz Note 1
∆f = 1 MHz
-155
dBc/Hz Note 1
∆f = 10 MHz
-155
dBc/Hz Note 1
Reference SSB Phase Noise
∆f = 10 Hz
-103
Note 1
∆f = 100 Hz
-133
Note 1
∆f = 1 kHz
-148
dBc/Hz Note 1
∆f = 10 kHz
-150
dBc/Hz Note 1
∆f = 100 kHz
-150
dBc/Hz Note 1
Spectrum Microwave
324 Clark Street Worcester, MA 01606
Phone: 508-852-5400
SPECIFICATIONS
www.SpectrumMicrowave.com


Similar Part No. - MN745

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN725 APITECH-MN725 Datasheet
682Kb / 4P
   Product Data Sheet Revision 022210
MN725-0400 APITECH-MN725-0400 Datasheet
682Kb / 4P
   Voltage Controlled SAW Oscillator
MN725-0400.0000 APITECH-MN725-0400.0000 Datasheet
682Kb / 4P
   Product Data Sheet Revision 022210
MN725-0500 APITECH-MN725-0500 Datasheet
183Kb / 4P
   Voltage Controlled SAW Oscillator
MN725-0500.0000 APITECH-MN725-0500.0000 Datasheet
183Kb / 4P
   Product Data Sheet Revision 032510
More results

Similar Description - MN745

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
626106 SPECTRUM-626106 Datasheet
87Kb / 2P
   PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
611233 APITECH-611233 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611230 APITECH-611230 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611228 APITECH-611228 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611225 APITECH-611225 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611222 APITECH-611222 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611219 APITECH-611219 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
612110 APITECH-612110 Datasheet
93Kb / 2P
   PHASE LOCKED OSCILLATOR
621515 APITECH-621515 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR
621512 APITECH-621512 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com