Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17C128 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT17C128
Description  FPGA Configuration E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17C128 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT17C128 Datasheet HTML 1Page - ATMEL Corporation AT17C128 Datasheet HTML 2Page - ATMEL Corporation AT17C128 Datasheet HTML 3Page - ATMEL Corporation AT17C128 Datasheet HTML 4Page - ATMEL Corporation AT17C128 Datasheet HTML 5Page - ATMEL Corporation AT17C128 Datasheet HTML 6Page - ATMEL Corporation AT17C128 Datasheet HTML 7Page - ATMEL Corporation AT17C128 Datasheet HTML 8Page - ATMEL Corporation AT17C128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT17 Series
1
Pin Configurations
20-pin PLCC
8-Pin DIP
20-Pin SOIC
Features
E2 Programmable 65,536 x 1, 131,072 x 1, and 262,144 x 1 bit Serial Memories Designed
To Store Configuration Programs For Programmable Gate Arrays
Simple Interface to SRAM FPGAs Requires Only One User I/O Pin
Compatible With AT6000 FPGAs, ATT3000 FPGA, EPF8000 FPGAs, ORCA FPGAs,
XC2000, XC3000, XC4000, XC5000 FPGAs, MPA1000
Cascadable To Support Additional Configurations or Future Higher-density Arrays
(17C128 and 17C256 only)
Low-power CMOS EEPROM Process
Programmable Reset Polarity
Available In the Space-efficient Plastic DIP or Surface-mount
PLCC and SOIC Packages
In-System Programmable Via 2-Wire Bus
Emulation of 24CXX Serial EPROMs
Available in 3.3V
± 10% LV Version
Description
The AT17C65/128/256 and AT17LV65/128/256 (AT17 Series) FPGA Configuration
EEPROMS (Configurator) provide an easy-to-use, cost-effective configuration mem-
ory for Field Programmable Gate Arrays. The AT17 Series is packaged in the 8-pin
DIP and the popular 20-pin PLCC and SOIC. The AT17 Series family uses a simple
serial-access procedure to configure one or more FPGA devices. The AT17 Series
organization supplies enough memory to configure one or multiple smaller FPGAs.
Using a special feature of the AT17 Series, the user can select the polarity of the reset
function by programming a special EEPROM bit.
The AT17 Series can be programmed with industry standard programmers.
0391E-A–5/97
FPGA
Configuration
E
2PROM
65K, 128K and 256K
AT17C65
AT17C128
AT17C256


Similar Part No. - AT17C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C128A-10JC ATMEL-AT17C128A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17C128A-10JI ATMEL-AT17C128A-10JI Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
More results

Similar Description - AT17C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512 ATMEL-AT17C512 Datasheet
113Kb / 9P
   FPGA Configuration E2PROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com