Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87024-615 Datasheet(PDF) 1 Page - FCI connector

Part # 87024-615
Description  .050cc VERT. SMT. W/LOC. and POL. FEATURE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

87024-615 Datasheet(HTML) 1 Page - FCI connector

  87024-615 Datasheet HTML 1Page - FCI connector 87024-615 Datasheet HTML 2Page - FCI connector 87024-615 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDM: Rev:AF
Released
.
STATUS:
Printed: Jun 26, 2010


Similar Part No. - 87024-615

ManufacturerPart #DatasheetDescription
logo
FCI connector
87024-615 FCI-CONNECTOR-87024-615 Datasheet
271Kb / 3P
   HOUSING MATERIAL: LCP GLASS FILLED FLAME RETARDANT PER UL 94V-0
More results

Similar Description - 87024-615

ManufacturerPart #DatasheetDescription
logo
FCI connector
87022-610LF FCI-CONNECTOR-87022-610LF Datasheet
220Kb / 1P
   .050 CC VERT. C.C. ASSY. SUR. MOUNT-POL.
71920 FCI-CONNECTOR-71920 Datasheet
81Kb / 2P
   BtB RECEPT VERT SR SMT
75915 FCI-CONNECTOR-75915 Datasheet
82Kb / 2P
   BtB RECEPT VERT SR SMT
76341 FCI-CONNECTOR-76341 Datasheet
75Kb / 2P
   BtB RECEPT VERT SR SMT
89883 FCI-CONNECTOR-89883 Datasheet
79Kb / 2P
   BtB RECEPT VERT SR SMT
89892 FCI-CONNECTOR-89892 Datasheet
78Kb / 2P
   BtB RECEPT VERT SR SMT
91614 FCI-CONNECTOR-91614 Datasheet
89Kb / 2P
   BtB RECEPT VERT SR SMT
91601 FCI-CONNECTOR-91601 Datasheet
81Kb / 2P
   BtB RECEPT VERT SR SMT
71991 FCI-CONNECTOR-71991 Datasheet
82Kb / 2P
   BtB RECEPT VERT SR SMT
89847 FCI-CONNECTOR-89847 Datasheet
89Kb / 2P
   BtB RECEPT VERT SR SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com