Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5263-HQFT Datasheet(PDF) 7 Page - ams AG

Part # AS5263-HQFT
Description  12-Bit Redundant Automotive Angle Position Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263-HQFT Datasheet(HTML) 7 Page - ams AG

Back Button AS5263-HQFT Datasheet HTML 3Page - ams AG AS5263-HQFT Datasheet HTML 4Page - ams AG AS5263-HQFT Datasheet HTML 5Page - ams AG AS5263-HQFT Datasheet HTML 6Page - ams AG AS5263-HQFT Datasheet HTML 7Page - ams AG AS5263-HQFT Datasheet HTML 8Page - ams AG AS5263-HQFT Datasheet HTML 9Page - ams AG AS5263-HQFT Datasheet HTML 10Page - ams AG AS5263-HQFT Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
6 - 37
AS5263
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
In this specification, all the defined tolerances for external components need to be assured over the whole operation conditions range and also
over lifetime.
TAMB = -40 to +150ºC, VDD = +4.5V to +5.5V, CLREG5 = 2.2µF, CLREG3 = 2.2µF, RPU = 1KΩ, RPD = 1KΩ to 5.6KΩ (Analog only),
CLOAD = 0 to 42nF, RPUKDWN = 1KΩ to 5.6KΩ, CLOAD_KDWN = 0 to 42nF, unless otherwise specified. A positive current is intended to flow into
the pin.
6.2 Magnetic Input Specification
TAMB = -40 to +150ºC, VDD5 = 4.5 - 5.5V (5V operation), unless otherwise noted.
Two-pole cylindrical diametrically magnetized source:
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Ambient temperature
-40ºF…+302ºF
-40
+150
ºC
Isupp
Supply current
Lowest magnetic input field
20
mA
Table 4. Magnetic Input Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.1mm
30
70
mT
Boff
Magnetic offset
Constant magnetic stray field
±10
mT
Field non-linearity
Including offset gradient
5
%


Similar Part No. - AS5263-HQFT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5261-HMFP AMSCO-AS5261-HMFP Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5262-HMFP AMSCO-AS5262-HMFP Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
More results

Similar Description - AS5263-HQFT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163_1 Datasheet
1Mb / 36P
   12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com