Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5215OM-HMFP Datasheet(PDF) 10 Page - ams AG

Part # AS5215OM-HMFP
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215OM-HMFP Datasheet(HTML) 10 Page - ams AG

Back Button AS5215OM-HMFP Datasheet HTML 6Page - ams AG AS5215OM-HMFP Datasheet HTML 7Page - ams AG AS5215OM-HMFP Datasheet HTML 8Page - ams AG AS5215OM-HMFP Datasheet HTML 9Page - ams AG AS5215OM-HMFP Datasheet HTML 10Page - ams AG AS5215OM-HMFP Datasheet HTML 11Page - ams AG AS5215OM-HMFP Datasheet HTML 12Page - ams AG AS5215OM-HMFP Datasheet HTML 13Page - ams AG AS5215OM-HMFP Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.11
9 - 26
AS5215
Datasheet - Detailed Descr i pti on
Figure 4. 3D-Graph of Vertical Magnetic Field of a 6mm Cylindrical Magnet
As shown in Figure 5 (grey zone), the Hall elements are located on the chip at a circle with a radius of 1mm. Since the difference between two
opposite Hall sensors is measured, there will be no difference in signal amplitude when the magnet is perfectly centered or if the magnet is
misaligned in any direction as long as all Hall elements stay within the linear range.
Bz [mT]
BZ; 6mm magnet @ Z=1mm
Y -displacement [mm]
X -displacement [mm]
area of X- Y-misalignment from cen-
ter: ±0.5mm
circle of Hall elements on chip


Similar Part No. - AS5215OM-HMFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215 Datasheet
746Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215-HQFT AMSCO-AS5215-HQFT Datasheet
743Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215-HQFT-OM AMSCO-AS5215-HQFT-OM Datasheet
746Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215_1 Datasheet
746Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
More results

Similar Description - AS5215OM-HMFP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5115 AMSCO-AS5115 Datasheet
1Mb / 21P
   Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
AS5215 AMSCO-AS5215 Datasheet
743Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5215 AMSCO-AS5215_1 Datasheet
746Kb / 24P
   Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
logo
Vishay Siliconix
116BFZ-SFZ VISHAY-116BFZ-SFZ Datasheet
257Kb / 3P
   Precision Rotative Transducers 360° Special Laws: Sine/Cosine
Revision: 26-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com