Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4520BMG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD4520BMG4
Description  CMOS Dual Up-Counters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4520BMG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4520BMG4 Datasheet HTML 4Page - Texas Instruments CD4520BMG4 Datasheet HTML 5Page - Texas Instruments CD4520BMG4 Datasheet HTML 6Page - Texas Instruments CD4520BMG4 Datasheet HTML 7Page - Texas Instruments CD4520BMG4 Datasheet HTML 8Page - Texas Instruments CD4520BMG4 Datasheet HTML 9Page - Texas Instruments CD4520BMG4 Datasheet HTML 10Page - Texas Instruments CD4520BMG4 Datasheet HTML 11Page - Texas Instruments CD4520BMG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4520BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWRE4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
CD4520BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM520B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - CD4520BMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4520BMG4 TI1-CD4520BMG4 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
More results

Similar Description - CD4520BMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
   CMOS Dual Up Counters
December 1992
logo
Texas Instruments
CD4518B TI-CD4518B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com