Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4015Q Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4015Q
Description  TOSHIBA Power Transistor Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4015Q Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4015Q Datasheet HTML 1Page - Toshiba Semiconductor MP4015Q Datasheet HTML 2Page - Toshiba Semiconductor MP4015Q Datasheet HTML 3Page - Toshiba Semiconductor MP4015Q Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP4015
2006-10-27
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance from junction to
ambient
(4-device operation, Ta = 25°C)
ΣRth (j-a)
31.3
°C/W
Maximum lead temperature for
soldering purposes
(3.2 mm from case for 10 s)
TL
260
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 45 V, IE = 0 A
10
μA
Collector cut-off current
ICEO
VCE = 45 V, IB = 0 A
10
μA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0 A
0.3
10
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 10 mA, IE = 0 A
50
70
V
hFE (1)
VCE = 4 V, IC = 1 A
1000
DC current gain
hFE (2)
VCE = 4 V, IC = 3 A
1000
VCE (sat) (1) IC = 1 A, IB = 4 mA
0.9
1.4
Collector-emitter
VBE (sat) (2) IC = 3 A, IB = 10 mA
1.3
2.0
Saturation voltage
Base-emitter
VBE (sat)
IC = 1 A, IB = 4 mA
1.6
2.0
V
Base-emitter voltage
VBE
VCE = 4 V, IB = 3 A
1.8
2.5
V
Transition frequency
fT
VCE = 3 V, IC = 0.5 A
7
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1 MHz
44
pF
Turn-on time
ton
0.6
Storage time
tstg
4.2
Switching time
Fall time
tf
IB1 = −IB2 = 10 mA, duty cycle ≤ 1%
2.3
μs
Unclamped inductive load energy
ES/B
Refer to Figure 1
100
mJ
Note 1: Pulse width adjusted for desired ICP (ICP = 4.48 A min)
Note 2:
2
CP
S/B
I
L
2
1
E
=
20 μs
VCC = 30 V
Output
IB2
IB1
Input
Figure 1 Measurement Circuit of Unclamped Inductive Load Energy ES/B
T.U.T
IB1 = 0.1 A
IB2 = −0.1 A
VCC = 20 V
IB1
0
0
ICP
IC
VCE
IB2
PW
Clamp (C-B zener)


Similar Part No. - MP4015Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MP4015 TOSHIBA-MP4015 Datasheet
158Kb / 4P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
MP4015 TOSHIBA-MP4015_07 Datasheet
158Kb / 4P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive Inductive Load Switching
More results

Similar Description - MP4015Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4015 TOSHIBA-MP4015 Datasheet
141Kb / 4P
   TOSHIBA Power Transistor Module
MP7001 TOSHIBA-MP7001 Datasheet
151Kb / 7P
   TOSHIBA Power Module
MP7002 TOSHIBA-MP7002 Datasheet
310Kb / 8P
   TOSHIBA POWER MODULE
MP4502 TOSHIBA-MP4502 Datasheet
263Kb / 5P
   TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE
MIG10J503 TOSHIBA-MIG10J503 Datasheet
112Kb / 9P
   TOSHIBA INTELLIGENT POWER MODULE
MIG15J503H TOSHIBA-MIG15J503H Datasheet
103Kb / 11P
   TOSHIBA INTELLIGENT POWER MODULE
S-AU50M TOSHIBA-S-AU50M Datasheet
139Kb / 4P
   TOSHIBA RF POWER AMPLIFIER MODULE
S-AU35AVL TOSHIBA-S-AU35AVL Datasheet
170Kb / 3P
   TOSHIBA RF POWER AMPLFIER MODULE
1998-09-17
MP4305 TOSHIBA-MP4305 Datasheet
145Kb / 6P
   TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4513 TOSHIBA-MP4513 Datasheet
142Kb / 6P
   TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com