Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1727E2K Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM1727E2K
Description  DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1727E2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1727E2K Datasheet HTML 2Page - Texas Instruments PCM1727E2K Datasheet HTML 3Page - Texas Instruments PCM1727E2K Datasheet HTML 4Page - Texas Instruments PCM1727E2K Datasheet HTML 5Page - Texas Instruments PCM1727E2K Datasheet HTML 6Page - Texas Instruments PCM1727E2K Datasheet HTML 7Page - Texas Instruments PCM1727E2K Datasheet HTML 8Page - Texas Instruments PCM1727E2K Datasheet HTML 9Page - Texas Instruments PCM1727E2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PCM1727
6
SBAS077A
www.ti.com
DIN
BCKIN
LRCIN
SCKO2
SCKO1
SCKO3
DATA
BCK
LRCK
SCI
XT1
18
17
19
20
7
8
9
10
ML
MC
MD
RSTB
14
XT2
223
22
3
11
15
16
1
24
27MHz CLK OUT
+
10µF
Post
LPF
Post
LPF
Analog
Mute
Analog
Mute
STRB
SCKO
SDO
PIO
System
Controller
Rch Analog Out
Lch Analog Out
12
13
MPEG
Decoder
Buffer
384f
S
AGND
PGND DGND
V
CA
+5V Analog
+5V Analog
V
DD
V
CP
V
OUTL
V
OUTR
ZERO
CAP
PCM1727
27MHz
Master
Clock
CD-DA
DSP
21
Buffer
33.8688M
Karaoke
DSP
6
Buffer
768/384f
S
TYPICAL CONNECTION DIAGRAM
Figure 1 illustrates the typical connection diagram for the
PCM1727 in a DVD Audio application. The 27MHz master
video clock (fM) drives XT1 (pin 1) of the PCM1727. A
programmable system clock is generated by the PCM1727
PLL, with SCKO2 used to drive the MPEG2 decoder system
clock input, SCKO1 used to drive the CD-DA DSP system
clock input, and SCKO3 used to drive Karaoke DSP system
clock input. The standard audio signals (data, bit clock, and
word clock) are generated in the decoder from the PCM1727
system clock, providing synchronization of audio and video
signals.
DUAL PLL CIRCUIT
The PCM1727 has a programmable internal DUAL PLL
circuit, as shown in Figure 2. The PLL is designed to accept
a 27MHz master clock or crystal oscillator and generate all
internal system clocks required to operate the digital filter
and
∆Σ modulator, at 384f
S. If an external master clock is
used, XT2 must be connected to ground. In both cases, the
signal amplitude on XT1 must satisfy the specification
described in Figure 3. Therefore, careful C1 and C2 determi-
nation is required to keep this specification satisfied when
using a crystal oscillator. The PLL will directly track any
variations in the master clock frequency, and jitter on the
FIGURE 1. Connection Diagram for External Master Clock in a Typical MPEG2 Application.
FIGURE 2. PLL Block Diagram.
Oscillator
XT2
XT1
MCKO
27MHz
Phase Detector
and Loop Filter
VCO
PLL1
PLL2
M Counter
N Counter
Counter P
24
1
4
SCKO1
33.8688MHz
21
SCKO3
768fs/384fs
6
SCKO2
384fs
Internal
System
Clock
20
Data
ROM
Frequency Control
Phase Detector
and Loop Filter
VCO
N Counter
M Counter


Similar Part No. - PCM1727E2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
More results

Similar Description - PCM1727E2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
logo
Burr-Brown (TI)
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com