Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73617 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 73617
Description  Statshield Smocks Grounding, Testing and Maintenance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73617 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  73617 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73617 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73617 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73617 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Statshield® smocks are available in the following styles and sizes:
LAB COATS WITH SNAPS
LAB COATS WITH CUFFS
Blue
White
Teal
Chest
Sleeve
Blue
White
Teal
Chest
Sleeve
X Small
73600
73620
73640
30"-32" 33 3/8"
X Small
73610
73630
73650
30"-32" 33 3/4"
Small
73601
73621
73641
34"-36" 34"
Small
73611
73631
73651
34"-36" 34"
Medium
73602
73622
73642
38"-40" 34 3/8"
Medium
73612
73632
73652
38"-40" 34 3/8"
Large
73603
73623
73643
42"-44" 35"
Large
73613
73633
73653
42"-44" 35"
X Large
73604
73624
73644
46"-48" 35 1/2"
X Large
73614
73634
73654
46"-48" 35 1/2"
2X Large
73605
73625
73645
50"-52" 35 1/2"
2X Large
73615
73635
73655
50"-52" 35 1/2"
3X Large
73606
73626
73646
54"-56" 37 1/2"
3X Large
73616
73636
73656
54"-56" 37 1/2"
4X Large
73607
73627
73647
58"-60" 36 1/2"
4X Large
73617
73637
73657
58"-60" 36 1/2"
5X Large
73608 73628 73648 62"-64" 36"
5X Large
73618 73638 73658 62"-64" 36"
6X Large
73609
73629
73649
66"-68" 36"
6X Large
73619
73639
73659
66"-68" 36"
JACKETS WITH SNAPS
Blue
White
Teal
Pink
Grey
Chest
Sleeve
X Small
73699
73820 73840 74210 73890 30"-32" 33 3/8"
Small
73700
73821 73841 74211 73891 34"-36" 34"
Medium
73710
73822 73842 74212 73892 38"-40" 34 3/8"
Large
73720
73823 73843 74213 73893 42"-44" 35"
X Large
73730
73824 73844 74214 73894 46"-48" 35 1/2"
2X Large
73740
73825 73845 74215 73895 50"-52" 35 1/2"
3X Large
73741
73826 73846 74216 73896 54"-56" 37 1/2"
4X Large
73742
73827 73847 74217 73897 58"-60" 36 1/2"
5X Large
73743
73828 73848 74218 73898 62"-64" 36"
6X Large
73744
73829 73849 74219 73899 66"-68" 36"
JACKETS WITH CUFFS
Blue
White
Teal
Burgundy Black
Camo
Pink
Grey
Chest
Sleeve
X Small
73749
73830 73850 73900
73860
73870 74200 73775
30"-32"
33 3/4"
Small
73750
73831 73851 73901
73861
73871 74201 73776
34"-36"
34"
Medium
73755
73832 73852 73902
73862
73872 74202 73777
38"-40"
34 3/8"
Large
73760
73833 73853 73903
73863
73873 74203 73778
42"-44"
35"
X Large
73765
73834 73854 73904
73864
73874 74204 73779
46"-48"
35 1/2"
2X Large
73770
73835 73855 73905
73865
73875 74205 73780
50"-52"
35 1/2"
3X Large
73771
73836 73856 73906
73866
73876 74206 73781
54"-56"
37 1/2"
4X Large
73772
73837 73857 73907
73867
73877 74207 73782
58"-60"
36 1/2"
5X Large
73773
73838 73858 73908
73868
73878 74208 73783
62"-64"
36"
6X Large
73774
73839 73859 73909
73869
73879 74209 73784
66"-68"
36"
TB-2055 Page 2 of 4
© 2013 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
Note: Blue, Black, Camo, Grey and Pink
Jackets with Cuffs contain a Badge
Holder Tab and Two Sleeve Pen Pockets.


Similar Part No. - 73617

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73617 ETC2-73617 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73617 ETC2-73617 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73617 ETC2-73617 Datasheet
224Kb / 2P
   STATSHIELD SMOCKS AND GLOVES
73617 ETC2-73617 Datasheet
609Kb / 4P
   ESD Statshield Protective Smocks Grounding, Testing and Maintenance
73617 ETC2-73617 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
More results

Similar Description - 73617

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73822 ETC2-73822 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
TB-2055 ETC2-TB-2055 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73837 ETC2-73837 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73832 ETC2-73832 Datasheet
609Kb / 4P
   ESD Statshield Protective Smocks Grounding, Testing and Maintenance
73654 ETC2-73654 Datasheet
224Kb / 2P
   STATSHIELD SMOCKS AND GLOVES
AN202 ETC-AN202 Datasheet
72Kb / 5P
   Testing and specifying FAST logic
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Emerson Network Power
PL220-011 EMERSON-NETWORKPOWER-PL220-011 Datasheet
5Mb / 100P
   Military, Space and Testing Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com