Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSADC85 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HSADC85
Description  12-Bit, 10關S Hybrid ADC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HSADC85 Datasheet(HTML) 2 Page - API Technologies Corp

  HSADC85 Datasheet HTML 1Page - API Technologies Corp HSADC85 Datasheet HTML 2Page - API Technologies Corp HSADC85 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIO N S
(Typical @ +25ºC and rated power supply unless otherwise noted)
SERIES
HSA DC85
TY PE
Successive A pproximation
RESOLUTION
12-Bits
A NA LOG INPUTS
Bipolar Ranges
±2.5V . ±5V . ±10V
Unipolar Ranges
0 to +5V , 0 to +10V
Impedance (Direct Input)
300 / V olt
Buffer A mplifier
Impedance
100M (min)
Bias Current
50 nA
Settling Time1
2 µS
DIGITA L INPUTS2
Start
Positive Pulse 50nS W ide (min). Trailing Edge
(“ 1” to “ 0” ) Initiates Conversion3
Logic Loading
1 TTL Load
External Clock
Optional4
DIGITA L OUTPUTS2
Parallel Data
Output Codes
Unipolar
Comp. Straight Bin.
Bipolar
Comp. Offset Bin., Comp, Two's Comp.
Output Drive
2 TTL Loads (min)
Serial (Non Return to Zero) Data
Output Codes
Comp. Straight Bin., Comp. Offset Bin.
Output Drive
2 TTL Loads (min)
Status
Logic “ 1” During Conversion
Status Output Drive
2 TTL Loads (min)
Clock Out4
Output Drive
2 TTL Loads (min)
Frequency
1.4 M Hz
REFERENCE
Internal +6.2V ±5%
Ref Out
200 µA M aximum with no Degradation of Specs
Drift
±10ppm/ºC (max)
CONV ERSION TIM E/THROUGHPUT RA TE
8.8 µS, Typ; 10 µS, max/100 kHz
A CCURA CY @ 25ºC
Quantization
±1/2LSB
Linearity
±0.012% of F.S.R. (max)
Offset5
Unipolar
±0.05% of F.S.R.
Bipolar
±0.1% of F.S.R.(max)
Gain5
±0.1% of F.S.R.
M onotonicity
No M issing Codes
STA BILITY
Linearity
–25ºC to +85ºC
±1 ppm/ºC; ±2 ppm/ºC, (max)
–55ºC to +125ºC
±2 ppm/ºC. (max)
Scale Factor (Gain)
–25ºC to +85ºC
±8 ppm/ºC; ±15 ppm/ºC, (max)
–55ºC to +125ºC
±20 ppm/ºC, (max)
Offset (Unipolar)
–25ºC to +85ºC
±2 ppm/ºC; ±3 ppm/ºC, (max)
–55ºC to +125ºC
±3 ppm/ºC. (max)
Offset (Bipolar)
–25ºC to +85ºC
±4 ppm/ºC; ±7 ppm/ºC. (max)
–55ºC to +125ºC
±12 ppm/ºC, (max)
Total Transfer A ccuracy
–25ºC to +85ºC
±10 ppm/ºC; ±20 ppm/ºC. (max)
–55ºC to +125ºC
±30 ppm/ºC, (max)
HS ADC85 SERIES
Continued on next page.


Similar Part No. - HSADC85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSA-X-1-40 ETC2-HSA-X-1-40 Datasheet
68Kb / 2P
   1.1 GHz High-Speed Amplifier
HSA-X-2-40 ETC2-HSA-X-2-40 Datasheet
68Kb / 2P
   2 GHz High-Speed Amplifier
logo
TE Connectivity Ltd
HSA10 TEC-HSA10 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
HSA10 TEC-HSA10 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
HSA1010RJ MACOM-HSA1010RJ Datasheet
180Kb / 4P
   Type HS Series
More results

Similar Description - HSADC85

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
   12-Bit, 135Msps ADC
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC2153-12 LINER-LTC2153-12_15 Datasheet
592Kb / 24P
   12-Bit 310Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
   12-bit ADC Enhanced
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com