Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV83SM-12 Datasheet(PDF) 1 Page - API Technologies Corp

Part # HV83SM-12
Description  Voltage Controlled Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HV83SM-12 Datasheet(HTML) 1 Page - API Technologies Corp

  HV83SM-12 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes:
1. Specifications guaranteed over the operating temperature range. Those specifications indicated as typical are not
guaranteed. Plots exemplify typical performance at +25°C
2. Total frequency drift over the full temperature range.
3. Worst case harmonics over the frequency range.
4. Alternate bias voltages available.
5. Lower bias current available.
6. Military screening available.
Voltage Controlled Oscillator
Microwave Band
Electrical Specifications (1)
:
z
H
G
5
.
4
o
t
5
.
3
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Power Output at 25°C (50 Ohm load)
+10 dBm, min.
Power Output Variation vs. Temperature
2.0 dB, typical
Frequency Drift vs. Temperature(2)
145 MHz, typical
Frequency Pulling (12 dB Return Loss)
35 MHz, typical
l
a
c
i
p
y
t
,
V
/
z
H
M
0
.
6
g
n
i
h
s
u
P
y
c
n
e
u
q
e
r
F
C
D
V
0
2
+
o
t
0
s
t
i
m
i
L
e
g
a
t
l
o
V
g
n
i
n
u
T
l
a
c
i
p
y
t
,
z
H
/
c
B
d
3
9
-
)
t
e
s
f
f
o
z
H
k
0
5
(
e
s
i
o
N
e
s
a
h
P
B
S
S
Harmonics(3)
-14 dBc, typical
.
x
a
m
,
c
B
d
0
7
-
s
u
o
i
r
u
p
S
Bias Voltage(4)
+15 VDC ±1%
Bias Current(5)
50 mA, typical
5
8
+
o
t
5
5
-
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
°C
Model HV83T-1
Model HV83SM-12
3.5 to 4.5 GHz
All dimensions are in inches and [mm].
HV83T-1
HV83SM-12
Outline: SMV2
Outline: TO-8
SPECTRUM
SPECTRUM
Typical Performance at 25°C
Parameter
Specifications
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - HV83SM-12

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
HV83SM-12 SPECTRUM-HV83SM-12 Datasheet
622Kb / 1P
   Voltage Controlled Oscillator
More results

Similar Description - HV83SM-12

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com