Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN8878T252RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN8878T252RGB
Description  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN8878T252RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN8878T252RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN8878T252RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2009/04/30
Ver.1
Page 1
SPN8878
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN8878 is the N-Channel logic enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology. The SPN8878 has
been designed specifically to improve the overall
efficiency of DC/DC converters using either synchronous
or conventional switching PWM controllers. It has been
optimized for low gate charge, low RDS(ON) and fast
switching speed.
Power Management in Note book
Powered System
DC/DC Converter
Load Switch
FEATURES
PIN CONFIGURATION
TO-252
PART MARKING
30V/20A,RDS(ON)= 12mΩ@VGS=10V
30V/15A,RDS(ON)= 17mΩ@VGS=4.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
TO-252 package design


Similar Part No. - SPN8878T252RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN8878T252RGB SYNC-POWER-SPN8878T252RGB Datasheet
220Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN8878T252RGB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com