Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJB105M010HRJ Datasheet(PDF) 6 Page - AVX Corporation

Part # TRJB105M010HRJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJB105M010HRJ Datasheet(HTML) 6 Page - AVX Corporation

  TRJB105M010HRJ Datasheet HTML 1Page - AVX Corporation TRJB105M010HRJ Datasheet HTML 2Page - AVX Corporation TRJB105M010HRJ Datasheet HTML 3Page - AVX Corporation TRJB105M010HRJ Datasheet HTML 4Page - AVX Corporation TRJB105M010HRJ Datasheet HTML 5Page - AVX Corporation TRJB105M010HRJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
49
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (m
Ω)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJC106*035#
C
10
35
2.6
6
800
371
334
148
297
267
119
TRJC106*035#0600
C
10
35
2.6
6
600
428
385
171
257
231
103
TRJD106*035#
D
10
35
2.6
6
800
433
390
173
346
312
139
TRJD106*035#0400
D
10
35
2.6
6
400
612
551
245
245
220
98
TRJD156*035#
D
15
35
3.9
6
720
456
411
183
329
296
131
TRJD156*035#0350
D
15
35
3.9
6
350
655
589
262
229
206
92
TRJD226*035#
D
22
35
5.8
6
650
480
432
192
312
281
125
TRJD226*035#0400
D
22
35
5.8
6
400
612
551
245
245
220
98
TRJE336*035#
E
33
35
8.7
6
590
529
476
212
312
281
125
TRJE336*035#0250
E
33
35
8.7
6
250
812
731
325
203
183
81
TRJA224*050#
A
0.22
50
0.3
4
7500
100
90
40
750
675
300
TRJA224*050#7000
A
0.22
50
0.3
4
7000
104
93
41
725
652
290
TRJA334*050#
A
0.33
50
0.3
4
7000
104
93
41
725
652
290
TRJB474*050#
B
0.47
50
0.3
4
5000
130
117
52
652
587
261
TRJB684*050#
B
0.68
50
0.3
4
4000
146
131
58
583
525
233
TRJB684*050#2000
B
0.68
50
0.3
4
2000
206
186
82
412
371
165
TRJB105*050#
B
1
50
0.4
4
3400
158
142
63
538
484
215
TRJB105*050#2000
B
1
50
0.4
4
2000
206
186
82
412
371
165
TRJC105*050#
C
1
50
0.4
4
3000
191
172
77
574
517
230
TRJC155*050#
C
1.5
50
0.6
6
2500
210
189
84
524
472
210
TRJC155*050#1500
C
1.5
50
0.6
6
1500
271
244
108
406
366
162
TRJC225*050#
C
2.2
50
0.8
6
1700
254
229
102
432
389
173
TRJC225*050#1000
C
2.2
50
0.8
6
1000
332
298
133
332
298
133
TRJC335*050#
C
3.3
50
1.2
6
1400
280
252
112
392
353
157
TRJC335*050#1000
C
3.3
50
1.2
6
1000
332
298
133
332
298
133
TRJD335*050#
D
3.3
50
1.20
4.5
1100
369
332
148
406
366
162
TRJD335*050#0800
D
3.3
50
1.20
4.5
800
433
390
173
346
312
139
TRJD475*050#
D
4.7
50
1.80
4.5
900
408
367
163
367
331
147
TRJD475*050#0600
D
4.7
50
1.80
4.5
600
500
450
200
300
270
120
TRJD685*050#
D
6.8
50
2.60
4.5
700
463
417
185
324
292
130
TRJE106*050#
E
10
50
3.80
4.5
700
486
437
194
340
306
136
TRJE106*050#0400
E
10
50
3.80
4.5
400
642
578
257
257
231
103
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.


Similar Part No. - TRJB105M010HRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJB105M010HRJ AVX-TRJB105M010HRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJB105M010HRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com