Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2323CDS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2323CDS
Description  P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323CDS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2323CDS Datasheet HTML 1Page - Vishay Siliconix SI2323CDS Datasheet HTML 2Page - Vishay Siliconix SI2323CDS Datasheet HTML 3Page - Vishay Siliconix SI2323CDS Datasheet HTML 4Page - Vishay Siliconix SI2323CDS Datasheet HTML 5Page - Vishay Siliconix SI2323CDS Datasheet HTML 6Page - Vishay Siliconix SI2323CDS Datasheet HTML 7Page - Vishay Siliconix SI2323CDS Datasheet HTML 8Page - Vishay Siliconix SI2323CDS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si2323CDS
Document Number: 65700
S13-2081-Rev. B, 30-Sep-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Load Switch
PA Switch
DC/DC Converters
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
e. Package limited.
MOSFET PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
-20
0.039 at VGS = -4.5 V
-6e
9 nC
0.050 at VGS = -2.5 V
-5.8
0.063 at VGS = -1.8 V
-5.1
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2323CDS (P3)*
* Marking Code
Ordering Information:
Si2323CDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-6e
A
TC = 70 °C
-5.2
TA = 25 °C
-4.6b, c
TA = 70 °C
-3.7b, c
Pulsed Drain Current
IDM
-20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
-2.1
TA = 25 °C
-1b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.5
W
TC = 70 °C
1.6
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


Similar Part No. - SI2323CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2323CDS VISHAY-SI2323CDS Datasheet
167Kb / 4P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 05-Apr-10
SI2323CDS VISHAY-SI2323CDS Datasheet
190Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
Shanghai Leiditech Elec...
SI2323CDS LEIDITECH-SI2323CDS Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
TECH PUBLIC Electronics...
SI2323CDS TECHPUBLIC-SI2323CDS Datasheet
1Mb / 6P
   20V P-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI2323CDS-T1-GE3 VISHAY-SI2323CDS-T1-GE3 Datasheet
223Kb / 10P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 30-Sep-13
More results

Similar Description - SI2323CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com