Electronic Components Datasheet Search |
|
S4X8TS1 Datasheet(PDF) 5 Page - Littelfuse |
|
S4X8TS1 Datasheet(HTML) 5 Page - Littelfuse |
5 / 10 page 203 Revised: 09/23/13 ©2013 Littelfuse, Inc Specifications are subject to change without notice. Teccor® brand Thyristors EV Series 0.8 Amp Sensitive SCRs SxX8xSx Series Physical Specifications Terminal Finish 100% Matte Tin-plated. Body Material UL recognized epoxy meeting flammability classification 94V-0. Lead Material Copper Alloy Reliability/Environmental Tests Test Specifications and Conditions AC Blocking MIL-STD-750, M-1040, Cond A Applied Peak AC voltage @ 110°C for 1008 hours Temperature Cycling MIL-STD-750, M-1051, 100 cycles; -40°C to +150°C; 15-min dwell-time Temperature/ Humidity EIA / JEDEC, JESD22-A101 1008 hours; 320V - DC: 85°C; 85% rel humidity High Temp Storage MIL-STD-750, M-1031, 1008 hours; 150°C Low-Temp Storage 1008 hours; -40°C Thermal Shock MIL-STD-750, M-1056 10 cycles; 0°C to 100°C; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature Autoclave EIA / JEDEC, JESD22-A102 168 hours (121°C at 2 ATMs) and 100% R/H Resistance to Solder Heat MIL-STD-750 Method 2031 Solderability ANSI/J-STD-002, category 3, Test A Lead Bend MIL-STD-750, M-2036 Cond E Design Considerations Careful selection of the correct device for the application’s operating parameters and environment will go a long way toward extending the operating life of the Thyristor. Good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. Other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. Overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. Correct mounting, soldering, and forming of the leads also help protect against component damage. Dimensions – TO-92 Dimension Inches Millimeters Min Max Min Max A 0.175 0.205 4.450 5.200 B 0.170 0.210 4.320 5.330 C 0.500 12.70 D 0.135 3.430 E 0.125 0.165 3.180 4.190 F 0.080 0.105 2.040 2.660 G 0.016 0.021 0.407 0.533 H 0.045 0.055 1.150 1.390 I 0.095 0.105 2.420 2.660 J 0.015 0.020 0.380 0.500 A G H I F E J D F C B T MEASURING POINT C SEATING PLANE GATE ANODE CATHODE |
Similar Part No. - S4X8TS1 |
|
Similar Description - S4X8TS1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |