Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-W0402LF-01-1001-J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PFC-W0402LF-01-1001-J
Description  Precision Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PFC-W0402LF-01-1001-J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PFC-W0402LF-01-1001-J Datasheet HTML 1Page - List of Unclassifed Manufacturers PFC-W0402LF-01-1001-J Datasheet HTML 2Page - List of Unclassifed Manufacturers PFC-W0402LF-01-1001-J Datasheet HTML 3Page - List of Unclassifed Manufacturers PFC-W0402LF-01-1001-J Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IRC Advanced Film Division
PFC Series Issue May 2008 Sheet 3 of 4
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Environmental Test MIL-PRF-55342
Maximum ∆R per Characteristic E
Performance
Typical
Maximum
Thermal Shock
±0.10%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.05%
Short Time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.10%
±0.03%
±0.10%
Effects of Solder
±0.20%
±0.01%
±0.10%
Moisture Resistance
±0.20%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
Environmental Data
Power Derating Curve
Precision Thin Film
Chip Resistors
Temperature ( °C)


Similar Part No. - PFC-W0402LF-01-1001-J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402LF-01-1001 IRCTT-PFC-W0402LF-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results

Similar Description - PFC-W0402LF-01-1001-J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com