Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB841W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB841W
Description  Slotted Optical Switch OPB830 and OPB840 Series (L & W)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPB841W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB841W Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB841W Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 3 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Part Number Guide — OPB8XX
OPB 8 X X L X X
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Discrete Shell Material:
Mounting configurations:
3 — Side mount IR transmissive
L — Solder lead termination
Plastic discrete shell
4 — Side mount opaque
Plastic discrete shell
Electrical Specification Variations:
0 = Electrical Parameter A - (0.320” lead spacing)
1 = Electrical Parameter B - (0.320” lead spacing)
2 = Electrical Parameter C - (0.320” lead spacing)
5 = Electrical Parameter A - (0.220” lead spacing)
6 = Electrical Parameter B - (0.220” lead spacing)
7 = Electrical Parameter C - (0.220” lead spacing)
Notes:
Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only.
Part Number Guide — OPB8XX
OPB 8 X X W X X Z
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.25 mm)
5 — 0.050” (1.27 mm)
Discrete Shell Material:
Mounting configurations:
3 — Side mount IR transmissive
W — Wire termination
Plastic discrete shell
• Parts ending with “Z” meet
4 — Side mount opaque
RoHS requirements
Plastic discrete shell
• Wires = 26 AWG—24” Long
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
Notes:
Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only.


Similar Part No. - OPB841W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB841W OPTEK-OPB841W Datasheet
363Kb / 4P
   Slotted Optical Switches
logo
List of Unclassifed Man...
OPB841W ETC2-OPB841W Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
logo
OPTEK Technologies
OPB841W OPTEK-OPB841W Datasheet
226Kb / 8P
   Slotted Optical Switch
More results

Similar Description - OPB841W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB830W11 ETC2-OPB830W11 Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com