Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA350UA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA350UA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA350UA Datasheet(HTML) 5 Page - Texas Instruments

  OPA350UA Datasheet HTML 1Page - Texas Instruments OPA350UA Datasheet HTML 2Page - Texas Instruments OPA350UA Datasheet HTML 3Page - Texas Instruments OPA350UA Datasheet HTML 4Page - Texas Instruments OPA350UA Datasheet HTML 5Page - Texas Instruments OPA350UA Datasheet HTML 6Page - Texas Instruments OPA350UA Datasheet HTML 7Page - Texas Instruments OPA350UA Datasheet HTML 8Page - Texas Instruments OPA350UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
OPA350
OPA2350
OPA4350
SBOS099C − SEPTEMBER 2000 − REVISED JANUARY 2005
www.ti.com
5
TYPICAL CHARACTERISTICS
All specifications at TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
0.1
1
160
140
120
100
80
60
40
20
0
0
−45
−90
−135
−180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M 100M
G
φ
OPEN-LOOP GAIN/PHASE vs FREQUENCY
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
100k
10k
1k
100
10
1
10k
1k
100
10
1
0.1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
Voltage Noise
Current Noise
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
1
0.1
0.01
0.001
0.0001
Frequency (Hz)
10
100
1k
10k
100k
R
L = 600Ω
G = 100, 3V
PP (VO =1V to 4V)
G= 10, 3V
PP (VO =1V to 4V)
G = 1, 3V
PP (VO =1V to 4V)
Input goes through transition region
G = 1, 2.5V
PP (VO = 0.25V to 2.75V)
Input does NOT go through transition region
POWER SUPPLY AND COMMON−MODE
REJECTION RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
PSRR
CMRR
(V
S =+5V
V
CM = −0.1V to 5.1V)
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
140
130
120
110
100
90
80
70
60
100
10
1k
1M
100k
10k
10M
Dual and quad devices.
HARMONIC DISTORTION + NOISE vs FREQUENCY
1
(
−40dBc)
0.1
(
−60dBc)
0.01
(
−80dBc)
0.001
(
−100dBc)
0.0001
(
−120dBc)
Frequency (Hz)
1k
10k
100k
1M
G= 1
V
O =2.5VPP
RL = 600Ω
3rd−Harmonic
2nd−Harmonic


Similar Part No. - OPA350UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350UA BURR-BROWN-OPA350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350UA BURR-BROWN-OPA350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA350UA/2K5 BURR-BROWN-OPA350UA/2K5 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com