Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17003ETJ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17003ETJ
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17003ETJ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17003ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 12Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 13Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
10
______________________________________________________________________________________
3.3V IDLE MODE CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
4
8
12
16
20
0
1
2
3
SKIP MODE
SKIP = GND
LOW-NOISE MODE
SKIP = REF
3.3V SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
100
1000
1
0.001
10
FORCED-PWM
LOW-NOISE SKIP
PULSE SKIPPING
REFERENCE OFFSET VOLTAGE
DISTRIBUTION
2V REF OFFSET VOLTAGE (mV)
-10
-6
-2
2
6
10
0
20
10
30
+85
°C
+25
°C
50
40
SAMPLE SIZE = 125
LDO5 OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
20406080
100
4.5
4.6
4.7
4.8
4.9
5.0
OUTA OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
50
100
150
11.9
12.0
12.1
12.2
POWER-UP SEQUENCE
MAX17003/MAX17004 toc15
B
A
400
μs/div
C
D
E
12V
0
0
0
5V
0
0
A. INPUT SUPPLY, 5V/div
B. REF, 1V/div
C. 5V OUTPUT (VOUT5), 2V/div
D. LDO5, 5V/div
E. PGDALL, 5V/div
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, SKIP = GND, FSEL = REF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003ETJ++ MAXIM-MAX17003ETJ+ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results

Similar Description - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com