Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17003ETJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17003ETJ
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17003ETJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17003ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, FSEL = REF, SKIP = GND, ILIM = LDO5, FBA = LDO5, IREF = ILDO5 = IOUTA =
no load, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
CURRENT LIMIT
ILIM Adjustment Range
0.5
VREF
V
Current-Limit Threshold (Fixed)
VLIMIT
VCSH_ - VCSL _, ILIM = LDO5
44
56
mV
VILIM = 2.00V
185
215
Current-Limit Threshold
(Adjustable)
VLIMIT
VCSH_ - VCSL _
VILIM = 1.00V
93
107
mV
INTERNAL FIXED LINEAR REGULATORS
LDO5 Output Voltage
VLDO5
ON5 = GND, 6V < VIN < 26V,
0 < ILDO5 < 100mA
4.85
5.10
V
LDO5 Undervoltage-Lockout
Fault Threshold
Rising edge, hysteresis = 1% (typ)
3.7
4.1
V
LDO5 Bootstrap Switch
Rising edge of CSL5, hysteresis = 1% (typ)
4.30
4.75
V
Short-Circuit Current
LDO5 = GND, ON5 = GND
450
mA
Short-Circuit Current (Switched
over to CSL_)
LDO5 = GND, VCSL5 > 4.7V
200
mA
AUXILIARY LINEAR REGULATOR
DRVA Voltage Range
VDRVA
0.5
26.0
V
VFBA = 1.05V, VDRVA = 5V
0.4
DRVA Drive Current
VFBA = 0.965V, VDRVA = 5V
10
mA
FBA Regulation Threshold
VFBA
VDRVA = 5V, IDRVA = 1mA (sink)
0.98
1.02
V
OUTA Shunt Trip Level
25
27
V
REFERENCE (REF)
Reference Voltage
VREF
LDO5 in regulation, IREF = 0
1.980
2.020
V


Similar Part No. - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003ETJ++ MAXIM-MAX17003ETJ+ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results

Similar Description - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com