Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9119EXK-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9119EXK-T
Description  SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9119EXK-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9119EXK-T Datasheet HTML 1Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 2Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 3Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 4Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 5Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9119EXK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC70, 1.6V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX9119/MAX9120 (without REF) (continued)
(VCC = +5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed
by design, not production tested.
Note 2: VOS is defined as the center of the hysteresis band at the input.
Note 3: The hysteresis-related trip points are defined as the edges of the hysteresis band, measured with respect to the center of
the band (i.e., VOS) (Figure 2).
Note 4: Specified with an input overdrive (VOVERDRIVE) of 100mV, and load capacitance of CL = 15pF. VOVERDRIVE is defined
above and beyond the offset voltage and hysteresis of the comparator input. For the MAX9117/MAX9118, reference voltage
error should also be added.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25
°C
190
400
MAX9119 only, VCC =
5V, ISOURCE = 5mA
TA = TMIN to TMAX
500
VCC = 1.6V,
TA = +25
°C
100
200
Output Voltage Swing High
VCC -
VOH
MAX9119 only,
ISOURCE = 1mA
VCC = 1.8V,
TA = TMIN to TMAX
300
mV
TA = +25
°C
190
400
VCC = 5V,
ISINK = 5mA
TA = TMIN to TMAX
500
VCC = 1.6V,
TA = +25
°C
100
200
Output Voltage Swing Low
VOL
ISINK = 1mA
VCC = 1.8V,
TA = TMIN to TMAX
300
mV
Output Leakage Current
ILEAK
MAX9120 only, VO = 5.5V
0.001
1µA
VCC = 5V
35
Sourcing, VO = VEE
VCC = 1.6V
3
VCC = 5V
35
Output Short-Circuit Current
ISC
Sourcing, VO = VCC
VCC = 1.6V
3
mA
VCC = 1.6V
16
High-to-Low Propagation Delay
(Note 4)
tPD-
VCC = 5V
14
µs
VCC = 1.6V
15
MAX9119 only
VCC = 5V
40
VCC = 1.6V,
RPULLUP = 100k
16
Low-to-High Propagation Delay
(Note 4)
tPD+
MAX9120 only
VCC = 5V,
RPULLUP = 100k
45
µs
Rise Time
tRISE
MAX9119 only, CL = 15pF
1.6
µs
Fall Time
tFALL
CL = 15pF
0.2
µs
Power-Up Time
tON
1.2
ms


Similar Part No. - MAX9119EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9119EXK-T MAXIM-MAX9119EXK-T Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
More results

Similar Description - MAX9119EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Maxim Integrated Produc...
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com