Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3440EEPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3440EEPA
Description  15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440EEPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3440EEPA Datasheet HTML 1Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 2Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 3Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 4Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 5Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 6Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 7Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX3440EEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Selector Guide
General Description
The MAX3440E–MAX3444E fault-protected RS-485 and
J1708 transceivers feature
±60V protection from signal
faults on communication bus lines. Each device contains
one differential line driver with three-state output and one
differential line receiver with three-state input. The 1/4-unit-
load receiver input impedance allows up to 128 trans-
ceivers on a single bus. The devices operate from a 5V
supply at data rates of up to 10Mbps. True fail-safe inputs
guarantee a logic-high receiver output when the receiver
inputs are open, shorted, or connected to an idle data line.
Hot-swap circuitry eliminates false transitions on the
data bus during circuit initialization or connection to a
live backplane. Short-circuit current-limiting and ther-
mal shutdown circuitry protect the driver against exces-
sive power dissipation, and on-chip
±15kV ESD
protection eliminates costly external protection devices.
The MAX3440E–MAX3444E are available in 8-pin SO
and PDIP packages and are specified over industrial
and automotive temperature ranges.
Applications
RS-422/RS-485 Communications
Truck and Trailer Applications
Industrial Networks
Telecommunications Systems
Automotive Applications
HVAC Controls
Features
♦ ±15kV ESD Protection
♦ ±60V Fault Protection
♦ Guaranteed 10Mbps Data Rate
(MAX3441E/MAX3443E)
♦ Hot Swappable for Telecom Applications
♦ True Fail-Safe Receiver Inputs
♦ Enhanced Slew-Rate-Limiting Facilitates
Error-Free Data Transmission
(MAX3440E/MAX3442E/MAX3444E)
♦ Allow Up to 128 Transceivers on the Bus
♦ -7V to +12V Common-Mode Input Range
♦ Automotive Temperature Range (-40°C to +125°C)
♦ Industry-Standard Pinout
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
1
2
3
4
8
5
VCC
GND
DI
DE/RE
RO
FAULT
R
D
Rt
Rt
7
6
D
R
DE/RE
FAULT
DI
RO
A
B
1
2
3
4
8
7
6
5
VCC
B
A
GND
DI
DE/RE
RO
FAULT
+
+
DIP/SO
DIP/SO
B
A
MAX3440E
MAX3441E
R
D
Pin Configurations and Typical Operating Circuits
Ordering Information
19-2666; Rev 2; 11/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3440EESA+
-40°C to +85°C
8 SO
MAX3440EEPA+
-40°C to +85°C
8 PDIP
MAX3440EASA+
-40°C to +125°C
8 SO
MAX3440EAPA+
-40°C to +125°C
8 PDIP
PART
TYPE
DATA RATE
(Mbps)
LOW-POWER
SHUTDOWN
RECEIVER/DRIVER
ENABLE
TRANSCEIVERS
ON BUS
HOT SWAP
MAX3440E
RS-485
0.25
No
Yes
128
Yes
MAX3441E
RS-485
2.5 to 10
No
Yes
128
Yes
MAX3442E
RS-485
0.25
Yes
Yes
128
Yes
MAX3443E
RS-485
2.5 to 10
Yes
Yes
128
Yes
MAX3444E
J1708
0.25
Yes
Yes
128
Yes (only RE)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information continued at end of data sheet.
Pin Configurations and Typical Operating Circuits continued at end of data sheet.


Similar Part No. - MAX3440EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440EEPA MAXIM-MAX3440EEPA Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3440EEPA++ MAXIM-MAX3440EEPA+ Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EEPA++ MAXIM-MAX3440EEPA+ Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
More results

Similar Description - MAX3440EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com