Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3293AUT+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3293AUT+T
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293AUT+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3293AUT+T Datasheet HTML 1Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX3293AUT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX3293/MAX3294/MAX3295 low-power, high-
speed transmitters for RS-485/RS-422 communication
operate from a single +3.3V power supply. These
devices contain one differential transmitter. The
MAX3295 transmitter operates at data rates up to
20Mbps, with an output skew of less than 5ns, and a
guaranteed driver propagation delay below 25ns. The
MAX3293 (250kbps) and MAX3294 (2.5Mbps) are
slew-rate limited to minimize EMI and reduce reflections
caused by improperly terminated cables.
The MAX3293/MAX3294/MAX3295 output level is guar-
anteed at +1.5V with a standard 54
Ω load, compliant
with RS-485 specifications. The transmitter draws 5mA
of supply current when unloaded, and 1µA in low-
power shutdown mode (DE = GND).
Hot-swap circuitry eliminates false transitions on the data
cable during circuit initialization or connection to a live
backplane, and short-circuit current limiting and thermal-
shutdown circuitry protect the driver against excessive
power dissipation.
The MAX3293/MAX3294/MAX3295 are offered in a
6-pin SOT23 package, and are specified over the
automotive temperature range.
Applications
RS-485/RS-422 Communications
Clock Distribution
Telecom Equipment
Automotive
Security Equipment
Point-of-Sale Equipment
Industrial Control
Features
♦ Space-Saving 6-Pin SOT23 Package
♦ 250kbps/2.5Mbps/20Mbps Data Rates Available
♦ Operate from a Single +3.3V Supply
♦ ESD Protection
±9kV—Human Body Model
♦ Slew-Rate Limited for Errorless Data
Transmission (MAX3293/MAX3294)
♦ 1µA Low-Current Shutdown Mode
♦ -7V to +12V Common-Mode Input Voltage Range
♦ Current Limiting and Thermal Shutdown for
Driver-Overload Protection
♦ Hot-Swap Inputs for Telecom Applications
♦ Automotive Temperature Range (-40°C to +125°C)
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
________________________________________________________________
Maxim Integrated Products
1
Selector Guide
Ordering Information
19-2770; Rev 3; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3293AUT+T
-40°C to +125°C
6 SOT23-6
MAX3294AUT+T
-40°C to +125°C
6 SOT23-6
MAX3295AUT+T
-40°C to +125°C
6 SOT23-6
PART
MAXIMUM
DATA RATE
(Mbps)
SLEW-
RATE
LIMITED
TOP
MARK
MAX3293AUT+T
0.25
Yes
ABNI or
ABVH
MAX3294AUT+T
2.5
Yes
ABNJ or
ABVI
MAX3295AUT+T
20
No
ABNK or
ABVJ
Typical Operating Circuit
MAX3293
MAX3294
MAX3295
D
DI
DE
MAX3280E
MAX3281E
MAX3283E
MAX3284E
R
RO
120
Ω
Z
Y
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX3293AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293AUT+T MAXIM-MAX3293AUT+T Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293AUT+T MAXIM-MAX3293AUT+T Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
More results

Similar Description - MAX3293AUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com