Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3909 Datasheet(PDF) 10 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 10 Page - ams AG

Back Button AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG AS3909 Datasheet HTML 10Page - ams AG AS3909 Datasheet HTML 11Page - ams AG AS3909 Datasheet HTML 12Page - ams AG AS3909 Datasheet HTML 13Page - ams AG AS3909 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
AS3909/AS3910 – 10
ams Datasheet, Confidential: 2013-Oct [3-02]
De tail ed De sc rip t ion
Figure 10:
Minimum Configuration with Single Sided Antenna Driving
Figure 11:
Minimum Configuration with Differential Antenna Driving
Note: AAT is only available for AS3910 (hence TrimX_X is only a connectable for AS3910).
Detailed Description
AGD
VSS
VSP_A
VSN_A
VSN_D
VSP_RF
VSN_RF
RF01
RF02
RFI1
RFI2
XTI
XTO
TRIM1_x
TRIM2_x
TEST
MCU_CLK
EN
SDATAO
SDATAI
SCLK
INTR
SEN
µC
VDD
+3.3V
Antenna
AGD
VSS
VSP_A
VSN_A
VSN_D
VSP_RF
VSN_RF
RF01
RF02
RFI1
RFI2
XTI
XTO
TRIM1_x
TRIM2_x
TEST
MCU_CLK
EN
SDATAO
SDATAI
SCLK
INTR
SEN
µC
VDD
+3.3V
1/2 Antenna
1/2 Antenna


Similar Part No. - AS3909

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3900 AMSCO-AS3900 Datasheet
1Mb / 59P
   27MHz Low Power Star Network Transceiver
AS3900-BQFT AMSCO-AS3900-BQFT Datasheet
1Mb / 59P
   27MHz Low Power Star Network Transceiver
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
More results

Similar Description - AS3909

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
   ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
   Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354 Datasheet
581Kb / 50P
   13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
   13.56 MHz Type B RF Reader Specification
logo
Texas Instruments
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com