Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3691 Datasheet(PDF) 6 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 6 Page - ams AG

Back Button AS3691_07 Datasheet HTML 2Page - ams AG AS3691_07 Datasheet HTML 3Page - ams AG AS3691_07 Datasheet HTML 4Page - ams AG AS3691_07 Datasheet HTML 5Page - ams AG AS3691_07 Datasheet HTML 6Page - ams AG AS3691_07 Datasheet HTML 7Page - ams AG AS3691_07 Datasheet HTML 8Page - ams AG AS3691_07 Datasheet HTML 9Page - ams AG AS3691_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
5 - 22
Pin Number
QFN
Package
Pin Number
ePTSSOP
Package
Pin Name
Type
Description
7
16
ON4
DI
Current source CURR4 control; internal pullup
resistor to VREG (can be left open, if CURR4 is
always switched on)
High … 100% Current
Low … 5% Current
8
17
UV4
AO
Automatic supply regulation for CURR4; if not
used, leave open
9
18
TEST
AI
Digital Test input; Leave open or connect to
VSS; internal pulldown to VSS
10
19
UV3
AO
Automatic supply regulation for CURR3; if not
used, leave open
11
20
ON3
DI
Current source CURR3 control; internal pullup
resistor to VREG (can be left open, if CURR3 is
always switched on)
High … 100% Current
Low … 5% Current
12
21
RES3
AI/O
Connect to current set resistor R3
13
22
CURR3
AI/O
Current Source 3 Output
14
23
RFB3
AI
Connect to current set resistor R3 directly at
resistor itself
15
24
VREG
S
Shunt regulator supply; connect to Rvdd and
Cvdd
16
1
RFB2
AI
Connect to current set resistor R2 directly at
resistor itself
17
2
CURR2
AI/O
Current Source 2 Output
18
3
RES2
AI/O
Connect to current set resistor R2
19
4
ON2
DI
Current source CURR2 control; internal pullup
resistor to VREG (can be left open, if CURR2 is
always switched on)
High … 100% Current
Low … 5% Current
20
5
UV2
AO
Automatic supply regulation for CURR2; if not
used, leave open
21
6
VSS
S
VSS Supply connection
22
7
UV1
AO
Automatic supply regulation for CURR1; if not
used, leave open
23
8
ON1
DI
Current source CURR1 control; internal pullup
resistor to VREG (can be left open, if CURR1 is
always switched on)
High … 100% Current
Low … 5% Current
24
9
RES1
AI/O
Connect to current set resistor R1
Pad
Pad
VSS
S
VSS Supply connection; add as many vias to
ground plane as possible


Similar Part No. - AS3691_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3691A-ZQFP AMSCO-AS3691A-ZQFP Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZQFT AMSCO-AS3691A-ZQFT Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZSDF AMSCO-AS3691A-ZSDF Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691A-ZTSP AMSCO-AS3691A-ZTSP Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691B-ZQFP AMSCO-AS3691B-ZQFP Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
More results

Similar Description - AS3691_07

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3691 AMSCO-AS3691 Datasheet
181Kb / 3P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
AS3691 AMSCO-AS3691_1 Datasheet
559Kb / 22P
   4 Precision 400mA Current Sources for RGB and Single Color Leds
logo
Renesas Technology Corp
ISL70591SEH RENESAS-ISL70591SEH Datasheet
790Kb / 23P
   Radiation Hardened 100μA and 1mA Precision Current Sources
Aug 30, 2018
logo
SiGe Semiconductor, Inc...
AATIAN55 SIGE-AATIAN55 Datasheet
65Kb / 4P
   Driving Color RGB LEDs with the AAT3123
logo
Visual Communications C...
1210 VCC-1210 Datasheet
555Kb / 9P
   SpectraBright Series 1210 Package Size SMD RGB and Bi-Color LEDs
11/22
0606 VCC-0606 Datasheet
636Kb / 10P
   SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
logo
Aeroflex Circuit Techno...
PCS5035 AEROFLEX-PCS5035 Datasheet
759Kb / 9P
   PCS5035 Quintet Precision Current Sources Built-In Comparators
logo
Maxim Integrated Produc...
MAX44006 MAXIM-MAX44006 Datasheet
2Mb / 26P
   RGB Color, Infrared, and Temperature Sensors
Rev 1; 8/12
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com