Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX824M Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX824M
Description  5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX824M Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX824M Datasheet HTML 1Page - Maxim Integrated Products MAX824M Datasheet HTML 2Page - Maxim Integrated Products MAX824M Datasheet HTML 3Page - Maxim Integrated Products MAX824M Datasheet HTML 4Page - Maxim Integrated Products MAX824M Datasheet HTML 5Page - Maxim Integrated Products MAX824M Datasheet HTML 6Page - Maxim Integrated Products MAX824M Datasheet HTML 7Page - Maxim Integrated Products MAX824M Datasheet HTML 8Page - Maxim Integrated Products MAX824M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5-Pin Microprocessor Supervisory Circuits With
Watchdog Timer and Manual Reset
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX82_L/M
10
Reset Threshold Hysteresis
MAX82_T/S/R/Z/Y
5
mV
Reset Threshold Temperature
Coefficient
40
ppm/
°C
Reset Timeout Period
tRP
140
200
280
ms
VCC to RESET Delay
VRST - VCC = 100mV
20
µs
MAX82_L/M, VCC = VRST max,
ISOURCE = 120
µA
VCC - 1.5
VOH
MAX82_T/S/R/Z/Y, VCC = VRST max,
ISOURCE = 30
µA
0.8
VCC
MAX82_L/M, VCC = VRST min,
ISINK = 3.2mA
0.4
MAX82_T/S/R/Z/Y VCC = VRST min,
ISINK = 1.2mA
0.3
TA = 0
°C to +70°C, VCC = 1V,
VCC falling, ISINK = 50
µA
0.3
RESET Output Voltage
VOL
TA = TMIN to TMAX, VCC = 1.2V,
VCC falling, VBATT = 0V, ISINK = 100
µA
V
MAX82_L/M, RESET = 0V, VCC = 5.5V
800
RESET Output Short-Circuit
Current (Note 2)
ISOURCE
MAX82_T/S/R/Z/Y, RESET = 0V, VCC = 3.6V
400
µA
VOH
VCC > 1.8V, ISOURCE = 150
µA
0.8
VCC
MAX824L/M, MAX825L/M,
VCC = VRST max, ISINK = 3.2mA
0.4
RESET Output Voltage
VOL
MAX824T/S/R/Z/Y, MAX825T/S/R/Z/Y,
VCC = VRST max, ISINK = 1.2mA
0.3
V
WATCHDOG INPUT (MAX823/MAX824)
Watchdog Timeout Period
tWD
1.12
1.60
2.40
s
WDI Pulse Width
tWDI
VIL = 0.4V, VIH = 0.8 VCC
50
ns
VIL
0.3
VCC
WDI Input Voltage (Note 3)
VIH
0.7
VCC
V
WDI = VCC, time average
120
160
WDI Input Current (Note 4)
WDI = 0, time average
-20
-15
µA
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.5V for MAX82_L, VCC = +4.5V to +5.5V for MAX82_M, VCC = +3.15V to +3.6V for MAX82_T, VCC = +3V
to +3.6V for MAX82_S, VCC = +2.7V to +3.6V for MAX82_R, VCC = +2.38V to +2.75V for MAX82_Z, VCC = +2.25V to +2.75V for
MAX82_Y, TA = TMIN to TMAX, TA = -40
°C to +85°C (SC70), TA = -40°C to +125°C (SOT23), unless otherwise noted. Typical values
are at TA = +25
°C.) (Note 1)


Similar Part No. - MAX824M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX824MEUK MAXIM-MAX824MEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
logo
Micrel Semiconductor
MAX824MEUK MICREL-MAX824MEUK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
MAX824MEXK MICREL-MAX824MEXK Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results

Similar Description - MAX824M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com