Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX861IUA-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX861IUA-T
Description  50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX861IUA-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX861IUA-T Datasheet HTML 3Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 4Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 5Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 6Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 7Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 8Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 9Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 10Page - Maxim Integrated Products MAX861IUA-T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MAX860/MAX861
50mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
8
Maxim Integrated
MAX860
MAX861
“n”
MAX860
MAX861
“1”
8
7
5
VOUT
C2
8
7
+VIN
C1
C1
22
33
44
5
VOUT = -VIN
ROUT =
ROUT OF SINGLE DEVICE
NUMBER OF DEVICES
Figure 2. Paralleling MAX860s or MAX861s to Reduce Output
Resistance
MAX860
MAX861
“n”
MAX860
MAX861
“1”
8
7
5
VOUT
C2
8
7
+VIN
C1
C2
C1
22
33
44
5
VOUT = -nVIN
Figure 1. Cascading MAX860s or MAX861s to Increase
Output Voltage
Flying Capacitor, C1
Increasing the size of the flying capacitor reduces the
output resistance.
Output Capacitor, C2
Increasing the size of the output capacitor reduces the
output ripple voltage. Decreasing its ESR reduces both
output resistance and ripple. Smaller capacitance val-
ues can be used if one of the higher switching frequen-
cies is selected, if less than the maximum rated output
current (50mA) is required, or if higher ripple can be
tolerated. The following equation for peak-to-peak rip-
ple applies to both the inverter and doubler circuits.
IOUT
VRIPPLE = ———————— + 2 x IOUT x ESRC2
2 x fS x C2
Bypass Capacitor
Bypass the incoming supply to reduce its AC impedance
and the impact of the MAX860/MAX861’s switching
noise. The recommended bypassing depends on the cir-
cuit configuration and where the load is connected.
When the inverter is loaded from OUT to GND or the
doubler is loaded from VDD to GND, current from the
supply switches between 2 x IOUT and zero. Therefore,
use a large bypass capacitor (e.g., equal to the value
of C1) if the supply has a high AC impedance.
When the inverter and doubler are loaded from VDD to
OUT, the circuit draws 2 x IOUT constantly, except for
short switching spikes. A 0.1µF bypass capacitor is
sufficient.
Cascading Devices
Two devices can be cascaded to produce an even
larger negative voltage, as shown in Figure 1. The
unloaded output voltage is nominally -2 x VIN, but this is
reduced slightly by the output resistance of the first
device multiplied by the quiescent current of the sec-
ond. The output resistance of the complete circuit is
approximately
five times the output resistance of a sin-
gle MAX860/MAX861.
Three or more devices can be cascaded in this way,
but output resistance rises dramatically, and a better
solution is offered by inductive switching regulators
(such as the MAX755, MAX759, MAX764, or MAX774).
Connect LV as with a standard inverter circuit (see
Pin
Description).
The maximum load current and startup current of nth
cascaded circuit must not exceed the maximum output
current capability of (n-1)th circuit to ensure proper
startup.
Paralleling Devices
Paralleling multiple MAX860s or MAX861s reduces the
output resistance. As illustrated in Figure 2, each
device requires its own pump capacitor (C1), but the
reservoir capacitor (C2) serves all devices. C2’s value
should be increased by a factor of n, where n is the
number of devices. Figure 2 shows the equation for cal-
culating output resistance. An alternative solution is to
use the MAX660 or MAX665, which are capable of sup-
plying up to 100mA of load current. Connect LV as with
a standard inverter circuit (see
Pin Description).
Combined Doubler/Inverter
In the circuit of Figure 3, capacitors C1 and C2 form the
inverter, while C3 and C4 form the doubler. C1 and C3
are the pump capacitors; C2 and C4 are the reservoir
capacitors. Because both the inverter and doubler use
part of the charge-pump circuit, loading either output
causes both outputs to decline towards GND. Make


Similar Part No. - MAX861IUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861IUA MAXIM-MAX861IUA Datasheet
142Kb / 12P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX861IUA MAXIM-MAX861IUA Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
More results

Similar Description - MAX861IUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
   125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com