Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0603F220BCT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B0603F220BCT
Description  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B0603F220BCT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B0603F220BCT Datasheet HTML 1Page - List of Unclassifed Manufacturers B0603F220BCT Datasheet HTML 2Page - List of Unclassifed Manufacturers B0603F220BCT Datasheet HTML 3Page - List of Unclassifed Manufacturers B0603F220BCT Datasheet HTML 4Page - List of Unclassifed Manufacturers B0603F220BCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Multilayer Ceramic Capacitors
Page <4>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Capacitance Range (1206)
Dielectric
NP0
X7R
Y5V
Size
1206
Rated Voltage
(V dc)
25
(V)
50
(V)
25
(V)
50
(V)
25
(V)
50
(V)
0.33
µF
-
-
C
D
B
B
0.47
µF
-
-
J
P
B
B
10 nF
-
-
-
-
-
-
100 nF
-
-
-
-
-
-
1. The letter in cell is expressed the symbol of product thickness.
Recommended soldering conditions
The lead-free termination MLCCs are not only to be used on SMT against lead-free solder paste, but also suitable against lead-
containing solder paste. If the optimized solder joint is requested, increasing soldering time, temperature and concentration of N2
within oven are recommended.
Recommended IR reflow soldering profile for SMT process
with SnAgCu series solder paste.


Similar Part No. - B0603F220BCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0603C220BCT ETC2-B0603C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603C220CCT ETC2-B0603C220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603C220DCT ETC2-B0603C220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603C220FCT ETC2-B0603C220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603C220GCT ETC2-B0603C220GCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - B0603F220BCT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com