Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3648 Datasheet(PDF) 2 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 2 Page - ams AG

  AS3648 Datasheet HTML 1Page - ams AG AS3648 Datasheet HTML 2Page - ams AG AS3648 Datasheet HTML 3Page - ams AG AS3648 Datasheet HTML 4Page - ams AG AS3648 Datasheet HTML 5Page - ams AG AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
AS3648
2000mA High Current LED Flash Driver
www.austriamicrosystems.com/AS3648
1.5-4
1 - 38
(ptr)
Datasheet
1 General Description
The AS3648 is an inductive high efficient DCDC step up
converter with two current sinks. The DCDC step up
converter operates at a fixed frequency of 4MHz and
includes soft startup to allow easy integration into noise
sensitive RF systems. The two current sinks can oper-
ate in flash / torch / assist (=video) light modes.
The AS3648 includes flash timeout, overvoltage, over-
temperature, undervoltage and LED short circuit protec-
tion functions. A TXMASK/TORCH function reduces the
flash current in case of parallel operation to the RF
power amplifier and avoids a system shutdown. Alterna-
tively this pin can be used to directly operate the torch
light directly.
The AS3648 is controlled by an I
2C interface and has a
hardware automatic shutdown if SCL=0 for 100ms.
Therefore no additional enable input is required for shut-
ting down of the device once the system shuts down.
The AS3648 is available in a space-saving WL-CSP
package measuring only 2.25x1.5x0.6mm and operates
over the -30ºC to +85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features

High efficiency 4MHz fixed frequency DCDC Boost
converter with soft start allows small coils
- Stable even in coil current limit

LED current adjustable up to 2000mA

Two LED operation or single LED operation (com-
bine LED_OUT1 with LED_OUT2)

Automatic current adjustment for low battery voltage

PWM operation for lower output current for reliable
light output of the LED; running at 31.25kHz to avoid
audible noise

Protection functions:
Automatic Flash Timeout timer to protect the LED(s)
Overvoltage and undervoltage Protection
Overtemperature Protection
LED short/open circuit protection

I
2C Interface with automatic shutdown

5V constant voltage mode operation

Available in tiny WL-CSP Package, 13 balls 0.5mm
pitch 2.25x1.5x0.6mm, package size
3 Applications
Flash/torch/videolight for smartphones, feature-phones,
tablets, DSCs, DVCs




 


!"
#$
 %&
'"

()*
!"
)
&
)
 %&
+',
-,.$
 *
'"
'"
'"
'"
&
&
!
!  / 
AS3648


Similar Part No. - AS3648

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3642 AMSCO-AS3642 Datasheet
2Mb / 27P
   Ultra Small 500mA Inductive White LED Flash Driver
AS3642-ZWLT AMSCO-AS3642-ZWLT Datasheet
2Mb / 27P
   Ultra Small 500mA Inductive White LED Flash Driver
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
   1300mA High Current LED Flash Driver
AS3643-ZWLT AMSCO-AS3643-ZWLT Datasheet
4Mb / 34P
   1300mA High Current LED Flash Driver
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
   Ultra Small Low Cost 320mA Inductive White LED Flash Driver
More results

Similar Description - AS3648

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
logo
Texas Instruments
LM3565 TI-LM3565 Datasheet
1Mb / 35P
[Old version datasheet]   4MHz, High-Current Flash LED Driver
logo
ams AG
AS3649 AMSCO-AS3649 Datasheet
3Mb / 39P
   2500mA High Current LED Flash Driver
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
   1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
   1600mA High Current LED Flash Driver
logo
AIMTEC
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com