Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS2524B Datasheet(PDF) 7 Page - ams AG

Part # AS2524B
Description  Telephone Line Interface and Speakerphone Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2524B Datasheet(HTML) 7 Page - ams AG

Back Button AS2524B Datasheet HTML 3Page - ams AG AS2524B Datasheet HTML 4Page - ams AG AS2524B Datasheet HTML 5Page - ams AG AS2524B Datasheet HTML 6Page - ams AG AS2524B Datasheet HTML 7Page - ams AG AS2524B Datasheet HTML 8Page - ams AG AS2524B Datasheet HTML 9Page - ams AG AS2524B Datasheet HTML 10Page - ams AG AS2524B Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet AS2523, AS2524, AS2524B
austriamicrosystems
Revision 1.13
Page 6 of 19
0mV
~
100mV
RO
RECI
+3dB
+14dB
Voice
switching
speech
Gmax = -4dB … +16dB (Vol)
Gmin = -33dB
Offset
comp
Compress
Peak
detector
Cmicoffset
+23dB
CBckgnd
Compress
Peak
detector
Compress
Peak
detector
LINE
Gmax = +9dB
Gmin = -21dB … -40dB (Vol)
+9dB
RECV
FT1
CBN
+8dB
~
+17dB
TXO
TXV
Speech
Mode
Rx-gain
Tx-gain
Remark
Rx > Tx_atten
X
Receive
0db to -20dB
-50dB to -30dB
adjustable with VOL-setting
Tx_atten > Rx
NO
Idle
-25
-25
middle position
Tx_atten > Rx
YES
Transmit
-50dB
0dB
independent of VOL-setting
-50dB
-25dB
0dB
TX-mode
RX-mode
IDLE-mode
Vol min
Vol default
Vol max
TX-gain
RX-gain
-10dB
-20dB
-40dB
-30dB


Similar Part No. - AS2524B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2524B AMSCO-AS2524B Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2524B AMSCO-AS2524B Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2524BF AMSCO-AS2524BF Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2524BT AMSCO-AS2524BT Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
More results

Similar Description - AS2524B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
ELAN Microelectronics C...
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
   CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com