Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72-20IML Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F72-20IML
Description  28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72-20IML Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F72-20IML Datasheet HTML 1Page - Microchip Technology PIC16F72-20IML Datasheet HTML 2Page - Microchip Technology PIC16F72-20IML Datasheet HTML 3Page - Microchip Technology PIC16F72-20IML Datasheet HTML 4Page - Microchip Technology PIC16F72-20IML Datasheet HTML 5Page - Microchip Technology PIC16F72-20IML Datasheet HTML 6Page - Microchip Technology PIC16F72-20IML Datasheet HTML 7Page - Microchip Technology PIC16F72-20IML Datasheet HTML 8Page - Microchip Technology PIC16F72-20IML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
PIC16F72
DS39597C-page 2
© 2007 Microchip Technology Inc.
Key Reference Manual Features
PIC16F72
Operating Frequency
DC - 20 MHz
RESETS and (Delays)
POR, BOR, (PWRT, OST)
FLASH Program Memory - (14-bit words, 1000 E/W cycles)
2K
Data Memory - RAM (8-bit bytes)
128
Interrupts
8
I/O Ports
PORTA, PORTB, PORTC
Timers
Timer0, Timer1, Timer2
Capture/Compare/PWM Modules
1
Serial Communications
SSP
8-bit A/D Converter
5 channels
Instruction Set (No. of Instructions)
35


Similar Part No. - PIC16F72-20IML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72-E MICROCHIP-PIC16F72-E Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-ISS MICROCHIP-PIC16F72-ISS Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
More results

Similar Description - PIC16F72-20IML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72-ISS MICROCHIP-PIC16F72-ISS Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-E MICROCHIP-PIC16F72-E Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72_07 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
   28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com