Electronic Components Datasheet Search |
|
PIC16CR58BT Datasheet(PDF) 7 Page - Microchip Technology |
|
PIC16CR58BT Datasheet(HTML) 7 Page - Microchip Technology |
7 / 194 page © 2002 Microchip Technology Inc. Preliminary DS30453D-page 5 PIC16C5X 1.0 GENERAL DESCRIPTION The PIC16C5X from Microchip Technology is a family of low cost, high performance, 8-bit fully static, EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/ single cycle instructions. All instructions are single cycle except for program branches which take two cycles. The PIC16C5X delivers performance in an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly. The PIC16C5X products are equipped with special fea- tures that reduce system cost and power requirements. The Power-on Reset (POR) and Device Reset Timer (DRT) eliminate the need for external RESET circuitry. There are four oscillator configurations to choose from, including the power saving LP (Low Power) oscillator and cost saving RC oscillator. Power saving SLEEP mode, Watchdog Timer and Code Protection features improve system cost, power and reliability. The UV erasable CERDIP packaged versions are ideal for code development, while the cost effective One Time Programmable (OTP) versions are suitable for production in any volume. The customer can take full advantage of Microchip’s price leadership in OTP microcontrollers, while benefiting from the OTP’s flexibility. The PIC16C5X products are supported by a full fea- tured macro assembler, a software simulator, an in-cir- cuit emulator, a low cost development programmer and a full featured programmer. All the tools are supported on IBM® PC and compatible machines. 1.1 Applications The PIC16C5X series fits perfectly in applications rang- ing from high speed automotive and appliance motor control to low power remote transmitters/receivers, pointing devices and telecom processors. The EPROM technology makes customizing application programs (transmitter codes, motor speeds, receiver frequen- cies, etc.) extremely fast and convenient. The small footprint packages, for through hole or surface mount- ing, make this microcontroller series perfect for applica- tions with space limitations. Low cost, low power, high performance ease of use and I/O flexibility make the PIC16C5X series very versatile even in areas where no microcontroller use has been considered before (e.g., timer functions, replacement of “glue” logic in larger systems, co-processor applications). 8-Bit EPROM/ROM-Based CMOS Microcontrollers |
Similar Part No. - PIC16CR58BT |
|
Similar Description - PIC16CR58BT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |