Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCL1V101MCL6GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # UCL1V101MCL6GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCL1V101MCL6GS Datasheet(HTML) 2 Page - Nichicon corporation

  UCL1V101MCL6GS Datasheet HTML 1Page - Nichicon corporation UCL1V101MCL6GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CL
series
Specifications
Max. Impedance (
Ω) at 20°C 100kHz, Rated ripple current (mArms) at 105°C 100kHz
: In this case, 6 will be put at 12th digit of type numbering system.
Frequency
Coefficient
50Hz
0.35
120Hz
0.50
300Hz
0.64
1kHz
0.83
10kHz or more
1.00
Frequency coefficient of rated ripple current
6.3
0J
10
1A
16
1C
25
1E
35
1V
50
1H
10
22
33
47
68
100
150
220
330
390
470
560
680
820
1000
1200
1500
1800
2200
100
220
330
470
680
101
151
221
331
391
471
561
681
821
102
122
152
182
222
0.85
0.85
0.36
0.36
0.26
0.26
0.16
0.18
0.08
0.10
0.08
0.06
0.08
0.06
160
160
240
240
300
300
600
500
850
850
850
1190
850
1190
4
× 5.8
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 10
10
× 10
10
× 13.5
0.85
0.85
0.36
0.26
0.26
0.26
0.16
0.18
0.08
0.10
0.08
0.10
0.08
0.06
0.08
0.06
160
160
240
300
300
300
600
500
850
850
850
850
850
1190
850
1190
4
× 5.8
4
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
8
× 10
10
× 10
10
× 10
10
× 13.5
0.85
0.85
0.36
0.36
0.26
0.26
0.26
0.16
0.16
0.16
0.18
0.08
0.10
0.08
0.10
0.06
0.08
0.06
160
160
240
240
300
300
300
600
600
600
500
850
850
850
850
1190
850
1190
4
× 5.8
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
10
× 10
10
× 10
10
× 13.5
0.85
0.36
0.36
0.26
0.26
0.26
0.16
0.18
0.08
0.10
0.08
0.10
0.08
0.06
0.08
0.06
160
240
240
300
300
300
600
500
850
850
850
850
850
1190
850
1190
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 10
10
× 7.7
8
× 10
10
× 7.7
8
× 10
10
× 10
10
× 10
10
× 13.5
0.85
0.36
0.36
0.26
0.26
0.16
0.16
0.08
0.08
0.10
0.08
0.10
0.06
0.08
0.06
160
240
240
300
300
600
600
850
850
850
850
850
1190
850
1190
4
× 5.8
5
× 5.8
5
× 5.8
6.3
× 5.8
6.3
× 5.8
6.3
× 7.7
6.3
× 7.7
8
× 10
8
× 10
10
× 7.7
8
× 10
10
× 7.7
10
× 10
10
× 10
10
× 13.5
0.18
0.12
670
900
8
× 10
10
× 10
Cap. (
µF)
Code
V
Rated
ripple
Impedance
Case size
φD × L
(mm)
Taping specifications are given in page 23.
Recommended land size, soldering by refrow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
CAT.8100C


Similar Part No. - UCL1V101MCL6GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCL1C101MCL1GS NICHICON-UCL1C101MCL1GS Datasheet
62Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCL1C102MNL1GS NICHICON-UCL1C102MNL1GS Datasheet
62Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UCL1E221MCL6GS NICHICON-UCL1E221MCL6GS Datasheet
62Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCL1V101MCL6GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com