Electronic Components Datasheet Search |
|
EP1S20 Datasheet(PDF) 9 Page - Altera Corporation |
|
EP1S20 Datasheet(HTML) 9 Page - Altera Corporation |
9 / 36 page Functional Description Page 9 Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation Finally, the configuration controller also manages errors during configuration. A CONF _DONE error occurs when the FPGA does not de-assert its CONF_DONE signal within 64 DCLK cycles after the last bit of configuration data is transmitted. When a CONF_DONE error is detected, the controller pulses the OE line low, which pulls the nSTATUS signal low and triggers another configuration cycle. A cyclic redundancy check (CRC) error occurs when the FPGA detects corruption in the configuration data. This corruption could be a result of noise coupling on the board such as poor signal integrity on the configuration signals. When this error is signaled by the FPGA (by driving the nSTATUS signal low), the controller stops configuration. If the Auto-Restart Configuration After Error option is enabled in the FPGA, it releases its nSTATUS signal after a reset time-out period and the controller attempts to reconfigure the FPGA. After the FPGA configuration process is complete, the controller drives the DCLK pin low and the DATA[] pins high. Additionally, the controller tri-states its internal interface to the flash memory, enables the weak internal pull-ups on the flash address and control lines, and enables bus-keep circuits on flash data lines. The following sections describe the different configuration schemes supported by the EPC device—FPP, PS, and concurrent configuration schemes. f For more information, refer to the configuration chapter in the appropriate device handbook. Configuration Signals Table 4 lists the configuration signal connections between the EPC device and Altera FPGAs. Table 4. Configuration Signals EPC Device Pin Altera FPGA Pin Description DATA[] DATA[] Configuration data transmitted from the EPC device to the FPGA, which is latched on the rising edge of DCLK. DCLK DCLK EPC device generated clock used by the FPGA to latch configuration data provided on the DATA[] pins. nINIT_CONF, which nCONFIG Open-drain output from the EPC device that is used to start FPGA reconfiguration using the initiate configuration (INIT_CONF) JTAG instruction. This connection is not needed if the INIT_CONF JTAG instruction is not needed. If nINIT_CONF is not connected to nCONFIG, nCONFIG must be tied to VCC either directly or through a pull-up resistor. OE nSTATUS Open-drain bidirectional configuration status signal, which is driven low by either the EPC device or FPGA during POR and to signal an error during configuration. Low pulse on OE resets the EPC device controller. nCS CONF_DONE Configuration done output signal driven by the FPGA. |
Similar Part No. - EP1S20 |
|
Similar Description - EP1S20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |