Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP9509 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9509
Description  Resistor-Programmable Temperature Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9509 Datasheet(HTML) 3 Page - Microchip Technology

  MCP9509 Datasheet HTML 1Page - Microchip Technology MCP9509 Datasheet HTML 2Page - Microchip Technology MCP9509 Datasheet HTML 3Page - Microchip Technology MCP9509 Datasheet HTML 4Page - Microchip Technology MCP9509 Datasheet HTML 5Page - Microchip Technology MCP9509 Datasheet HTML 6Page - Microchip Technology MCP9509 Datasheet HTML 7Page - Microchip Technology MCP9509 Datasheet HTML 8Page - Microchip Technology MCP9509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 3
MCP9509/10
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 6.0V
Input/Output Current .....................................................20 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD protection on all pins (HBM:MM) ................. (4 kV/400V)
Latch-Up Current at each pin (25°C) ....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Sensor Accuracy
TA = +25°C, +45°C
TACY
—±0.5
°C
Note 1
0°C
≤ T
A ≤ +125 °C
-3.5
±1
+3.5
°C
-20°C
≤ T
A ≤ +125 °C
-4.5
±1
+4.5
°C
-40°C
≤ T
A ≤ +125 °C
±2
°C
Power Supply
Operating Voltage
VDD
2.7
5.5
V
Operating Current (MCP9509)
IDD
—30
50
µA
Operating Current (MCP9510)
IDD
50
80
µA
OUTSET = GND or VDD
100
165
µA
OUTSET = Unconnected
Hysteresis
Trip Point Hysteresis
THYST
+2
°C
HYST = GND
+10
°C
HYST = VDD
Hysteresis Select:
Input (HYST) Thresholds
VIH
VDD -0.4
V
VIL
——
0.4
V
Hysteresis Input (HYST) Leakage
ILeak
—1
µA
MCP9510 Output Control Input (OUTSET Input)
OUTSET Input Voltage Threshold and Output Configuration
Push-Pull, Active Low
VOSET
GND
0.2VDD
V
Open-Drain with ROUT, Active
Low
0.45VDD
—0.7VDD
V
or OUTSET Unconnected
Push-Pull, Active High
0.85VDD
—VDD
V
OUTSET Input Leakage and Output Configuration
Push-Pull, Active Low
ILeak
—10
µA
GND
≤ V
OSET ≤ 0.2VDD
Open-Drain, Active Low
0
µA
Unconnected (i.e. open)
—7
µA
0.4VDD ≤ VOSET ≤ 0.7VDD
Push-Pull, Active High
-10
µA
0.85
≤ V
OSET ≤ VDD
OUTSET Input Impedance
ZOUTSET
—500
k
Ω
Note 1: This specification is tested at mid supply of 4.1V for optimum operation across the supply voltage range of
2.7V to 5.5V.


Similar Part No. - MCP9509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
MCP9509 MICROCHIP-MCP9509 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9509 MICROCHIP-MCP9509 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9509 MICROCHIP-MCP9509 Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
More results

Similar Description - MCP9509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com