Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP9509 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9509
Description  Resistor-Programmable Temperature Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9509 Datasheet(HTML) 4 Page - Microchip Technology

  MCP9509 Datasheet HTML 1Page - Microchip Technology MCP9509 Datasheet HTML 2Page - Microchip Technology MCP9509 Datasheet HTML 3Page - Microchip Technology MCP9509 Datasheet HTML 4Page - Microchip Technology MCP9509 Datasheet HTML 5Page - Microchip Technology MCP9509 Datasheet HTML 6Page - Microchip Technology MCP9509 Datasheet HTML 7Page - Microchip Technology MCP9509 Datasheet HTML 8Page - Microchip Technology MCP9509 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP9509/10
DS22114A-page 4
© 2008 Microchip Technology Inc.
Outputs (OUT, OUT)
Output Voltage High, MCP9510
VOH
VDD - 0.55
VDD
VIOUT = 5 mA
OUTSET = VDD or GND
Output Voltage Low, MCP9510
VOL
GND
0.3
V
Output Voltage Low, MCP9509
VOL
GND
0.3
V
IOUT = 5 mA
Internal Output Pull-up (MCP9510)
ROUT
60
100
140
k
Ω OUTSET Unconnected
Open-Drain Output Leakage
ILeak
1
µA
MCP9509/10
Power Supply Rejection
PSR
0.05
°C/V
Thermal Response
SOT23-5, SOT23-6
tRES
1.7
s
Time to 63% (88°C).
+25°C (Air) to +125°C
(oil bath)
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Note 1: This specification is tested at mid supply of 4.1V for optimum operation across the supply voltage range of
2.7V to 5.5V.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
(Note 1)
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT23
θ
JA
220.7
°C/
Ω
Thermal Resistance, 6L-SOT23
θ
JA
190.5
°C/
Ω
Note 1: Operation in this range must not cause T
J to exceed Maximum Junction Temperature (+150°C).


Similar Part No. - MCP9509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
MCP9509 MICROCHIP-MCP9509 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9509 MICROCHIP-MCP9509 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9509 MICROCHIP-MCP9509 Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
More results

Similar Description - MCP9509

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
   Resistor-Programmable Temperature Switches
2008
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com