Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1700-1502E Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1700-1502E
Description  Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700-1502E Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1700-1502E Datasheet HTML 5Page - Microchip Technology MCP1700-1502E Datasheet HTML 6Page - Microchip Technology MCP1700-1502E Datasheet HTML 7Page - Microchip Technology MCP1700-1502E Datasheet HTML 8Page - Microchip Technology MCP1700-1502E Datasheet HTML 9Page - Microchip Technology MCP1700-1502E Datasheet HTML 10Page - Microchip Technology MCP1700-1502E Datasheet HTML 11Page - Microchip Technology MCP1700-1502E Datasheet HTML 12Page - Microchip Technology MCP1700-1502E Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 9
MCP1700
Note: Unless otherwise indicated: VR = 1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN =VR +1V.
FIGURE 2-25:
Start-up From VIN
(VR =1.8V).
FIGURE 2-26:
Start-up From VIN
(VR =2.8V).
FIGURE 2-27:
Load Regulation vs.
Junction Temperature (VR =1.8V).
FIGURE 2-28:
Load Regulation vs.
Junction Temperature (VR =2.8V).
FIGURE 2-29:
Load Regulation vs.
Junction Temperature (VR =5.0V).
FIGURE 2-30:
Line Regulation vs.
Temperature (VR = 1.2V, 1.8V, 2.8V).
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VR = 1.8V
IOUT = 0 to 200 mA
VIN= 2.2V
VIN= 5.0V
VIN= 3.5V
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VR = 2.8V
IOUT = 0 to 250 mA
VIN= 5.0V
VIN= 4.3V
VIN= 3.3V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VR = 5.0V
IOUT = 0 to 250 mA
VIN= 5.5V
VIN= 6.0V
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
VR = 1.8V
VR = 1.2V
VR = 2.8V


Similar Part No. - MCP1700-1502E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700-1202E MICROCHIP-MCP1700-1202E Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700-1202E/TO MICROCHIP-MCP1700-1202E/TO Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
MCP1700-1202EMB MICROCHIP-MCP1700-1202EMB Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700-1202EMB MICROCHIP-MCP1700-1202EMB Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700-1202ETO MICROCHIP-MCP1700-1202ETO Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
More results

Similar Description - MCP1700-1502E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com