Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2SGX30C Datasheet(PDF) 6 Page - Altera Corporation

Part # EP2SGX30C
Description  Section I. Stratix II GX Device Data Sheet
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX30C Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP2SGX30C Datasheet HTML 2Page - Altera Corporation EP2SGX30C Datasheet HTML 3Page - Altera Corporation EP2SGX30C Datasheet HTML 4Page - Altera Corporation EP2SGX30C Datasheet HTML 5Page - Altera Corporation EP2SGX30C Datasheet HTML 6Page - Altera Corporation EP2SGX30C Datasheet HTML 7Page - Altera Corporation EP2SGX30C Datasheet HTML 8Page - Altera Corporation EP2SGX30C Datasheet HTML 9Page - Altera Corporation EP2SGX30C Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 316 page
background image
1–4
Altera Corporation
Stratix II GX Device Handbook, Volume 1
October 2007
Features
Stratix II GX devices are available in space-saving FineLine BGA
packages (refer to Table 1–2). All Stratix II GX devices support vertical
migration within the same package. Vertical migration means that you
can migrate to devices whose dedicated pins, configuration pins, and
power pins are the same for a given package across device densities. For
I/O pin migration across densities, you must cross-reference the available
I/O pins using the device pin-outs for all planned densities of a given
package type to identify which I/O pins are migratable. Table 1–3 lists the
Stratix II GX device package sizes.
Package
780-pin
FineLine BGA
780-pin
FineLine BGA
1,152-pin
FineLine
BGA
1,152-pin
FineLine
BGA
1,508-pin
FineLine
BGA
1,508-pin
FineLine BGA
Note to Table 1–1:
(1)
Includes two sets of dual-purpose differential pins that can be used as two additional channels for the differential
receiver or differential clock inputs.
Table 1–1. Stratix II GX Device Features (Part 2 of 2)
Feature
EP2SGX30C/D
EP2SGX60C/D/E
EP2SGX90E/F
EP2SGX130/G
CD
C
D
E
E
F
G
Table 1–2. Stratix II GX Package Options (Pin Counts and Transceiver Channels)
Device
Transceiver
Channels
Source-Synchronous
Channels
Maximum User I/O Pin Count
Receive (1)
Transmit
780-Pin
FineLine BGA
(29 mm)
1,152-Pin
FineLine BGA
(35 mm)
1,508-Pin
FineLine BGA
(40 mm)
EP2SGX30C
4
31
29
361
EP2SGX60C
4
31
29
364
EP2SGX30D
8
31
29
361
EP2SGX60D
8
31
29
364
EP2SGX60E
12
42
42
534
EP2SGX90E
12
47
45
558
EP2SGX90F
16
59
59
650
EP2SGX130G
20
73
71
734
Note to Table 1–2:
(1)
Includes two differential clock inputs that can also be used as two additional channels for the differential receiver.


Similar Part No. - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30C ALTERA-EP2SGX30C Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX30C ALTERA-EP2SGX30C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP2SGX30C ALTERA-EP2SGX30C Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com