Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASI10684 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10684
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10684 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10684 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
16
V
BVCES
IC = 15 mA
36
V
BVEBO
IE = 5.0 mA
4.0
V
ICES
VCE = 12.5 V
5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
20
---
---
Cob
VCB = 12.5 V
f = 1.0 MHz
110
pF
PG
ηη
C
VCC = 12.5 V
POUT = 35 W
f = 470 MHz
6.0
60
dB
%
NPN SILICON RF POWER TRANSISTOR
ULBM35
DESCRIPTION:
The
ASI ULBM35 is Designed for
FEATURES:
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
8.0 A
VCBO
36 V
VCEO
16 V
VEBO
4.0 V
PDISS
117 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
1.5
OC/W
PACKAGE STYLE .500 6L FLG
ORDER CODE: ASI10684
MINIMUM
inches / mm
.490 / 12.45
.210 / 5.33
.003 / 0.08
B
C
D
E
F
G
A
MAXIMUM
.220 / 5.59
.007 / 0.18
.510 / 12.95
inches / mm
.725 / 18.42
H
DIM
K
L
I
J
.970 / 24.64
.980 / 24.89
.170 / 4.32
N
M
.120 / 3.05
.135 / 3.43
.150 / 3.43
.160 / 4.06
.125 / 3.18
.090 / 2.29
.105 / 2.67
.285 / 7.24
.150 / 3.81
.045 / 1.14
E
F
.725/18,42
I
G
J
K
L
M
A
D
C
B
2x ØN
FULL R
H
.835 / 21.21
.865 / 21.97
.210 / 5.33
.200 / 5.08


Similar Part No. - ASI10684

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10680 ASI-ASI10680 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
95Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
ASI10682 ASI-ASI10682 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
ASI10683 ASI-ASI10683 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASI10684

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com