Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP147TU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TIP147TU
Description  PNP Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP147TU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIP147TU Datasheet HTML 1Page - Fairchild Semiconductor TIP147TU Datasheet HTML 2Page - Fairchild Semiconductor TIP147TU Datasheet HTML 3Page - Fairchild Semiconductor TIP147TU Datasheet HTML 4Page - Fairchild Semiconductor TIP147TU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP145 / TIP146 / TIP147 Rev. B1
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
IB = -2000μA
IB = -1800μA
IB = -1600μA
IB = -1400μA
IB = -1200μA
IB = -1000μA
IB = -800μA
IB = -600μA
IB = -400μA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
100
1000
10000
100000
VCE = -4V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC=-500IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-1
-10
-100
-1000
-10
-100
-1000
f=0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
TIP146
TIP147
TIP145
V
CE
[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
25
50
75
100
125
150
TC[
oC], CASE TEMPERATURE


Similar Part No. - TIP147TU

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147T MOSPEC-TIP147T Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,80W)
logo
STMicroelectronics
TIP147T STMICROELECTRONICS-TIP147T Datasheet
53Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
TIP147T FAIRCHILD-TIP147T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP147T TEL-TIP147T Datasheet
161Kb / 2P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SemiHow Co.,Ltd.
TIP147T SEMIHOW-TIP147T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results

Similar Description - TIP147TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
   Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com