Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGF23N60UFTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SGF23N60UFTU
Description  600 V PT IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGF23N60UFTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SGF23N60UFTU Datasheet HTML 1Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 2Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 3Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 4Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 5Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 6Page - Fairchild Semiconductor SGF23N60UFTU Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2001 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
SGF23N60UF
Rev. C1
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
24A
12A
I
C = 6A
Gate - Emitter Voltage, V
GE [V]
0.5
1
10
0
10
20
30
40
50
Common Emitter
V
GE = 15V
T
C =
25
T
C = 125
Collector - Emitter Voltage, V
CE [V]
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
24A
12A
I
C = 6A
Gate - Emitter Voltage, V
GE [V]
0
30
60
90
120
150
0
1
2
3
4
24A
12A
I
C = 6A
Common Emitter
V
GE = 15V
Case Temperature, T
C []
02
46
8
0
20
40
60
80
100
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
0.1
1
10
100
1000
0
3
6
9
12
15
18
V
CC = 300V
Load Current : peak of square wave
Duty cycle : 50%
T
C = 100
Power Dissipation = 16W
Frequency [KHz]


Similar Part No. - SGF23N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF23N60UF FAIRCHILD-SGF23N60UF Datasheet
543Kb / 7P
   Ultra-Fast IGBT
SGF23N60UFD FAIRCHILD-SGF23N60UFD Datasheet
607Kb / 8P
   Ultra-Fast IGBT
SGF23N60UFDTU FAIRCHILD-SGF23N60UFDTU Datasheet
363Kb / 1P
   TO-3PF Tube Packing Data
More results

Similar Description - SGF23N60UFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH40N60UFTU FAIRCHILD-SGH40N60UFTU Datasheet
700Kb / 7P
   SGH40N60UF 600 V PT IGBT
logo
Vishay Siliconix
VS-GP250SA60S VISHAY-VS-GP250SA60S_V01 Datasheet
158Kb / 9P
   Insulated Gate Bipolar Transistor Trench PT IGBT, 600 V, 250 A
01-Jan-2022
VS-GP250SA60S VISHAY-VS-GP250SA60S Datasheet
272Kb / 9P
   Insulated Gate Bipolar Transistor Trench PT IGBT, 600 V, 250 A
Revision: 31-May-16
logo
PHOENIX CONTACT
1336507 PHOENIX-1336507 Datasheet
190Kb / 7P
   Monitoring relay - MACX-MR-V-600-PT
Nov 16, 2022
logo
SemiHow Co.,Ltd.
HIA20N60BP SEMIHOW-HIA20N60BP Datasheet
664Kb / 7P
   600V PT IGBT
HIH20N60BP SEMIHOW-HIH20N60BP Datasheet
644Kb / 7P
   600V PT IGBT
HIA30N60BP SEMIHOW-HIA30N60BP Datasheet
663Kb / 7P
   600V PT IGBT
HIH30N60BP SEMIHOW-HIH30N60BP Datasheet
643Kb / 7P
   600V PT IGBT
logo
STMicroelectronics
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com