Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG684965DZ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SG684965DZ
Description  Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG684965DZ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SG684965DZ Datasheet HTML 6Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 7Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 8Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 9Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 10Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 11Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 12Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 13Page - Fairchild Semiconductor SG684965DZ Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6849 Rev. 1.6.1
10
Operation Description
SG6849 devices integrate many useful functions for
low-power switch-mode power supplies. The following
descriptions highlight the key features of the SG6849.
Startup Current
The required startup current is only 5μA. This allows a
high-resistance, low-wattage startup resistor to be used
to supply the controller’s startup power. A 1.5M
Ω/0.25W
startup resistor can be used over a wide input range
(90VAC-264VAC) with very little power loss.
Operating Current
The operating current is normally 3.6mA. The low
operating current results in higher efficiency and
reduces the required VDD hold-up capacitance. A
10μF/25V VDD hold-up capacitor can be used over a
wide input range (90VAC -264VAC) with little power loss.
Green-Mode Operation
The proprietary green-mode function provides off-time
modulation to linearly decrease the switching frequency
under light-load and zero-load conditions. The on-time
is limited to provide better protection against brownouts
and other abnormal conditions.
This green-mode function dramatically reduces power
consumption under light-load and zero-load conditions.
Power supplies using SG6849 can meet international
restrictions regarding standby power-consumption.
Constant Voltage (CV) and Constant
Current (CC) without Feedback
The SG6849 tightly regulates the output voltage and
provide
over-current
protection
without
requiring
secondary-side feedback signals. For improved CV and
CC accuracy, the transformer leakage inductance
should be reduced as much as possible.
Over-Temperature Protection (OTP)
The SG6849 has a built-in temperature sensing circuit
to shut down PWM output once the junction
temperature exceeds 150
°C. While PWM output is shut
down, the VDD voltage gradually drops to the UVLO
voltage. Some of the SG6849’s internal circuits are shut
down and VDD gradually starts increasing again. When
VDD reaches 17V, all the internal circuits, including the
temperature sensing circuit, starts operating normally. If
the junction temperature is still higher than 150
°C, the
PWM controller is shut down immediately. This situation
continues until the temperature drops below 130
°C. The
PWM output then turns back on. The temperature
hysteresis window for the OTP circuit is 20
°C.
VDD Over-Voltage Clamping
VDD over-voltage clamping is built in to prevent damage
from over-voltage conditions. When VDD exceeds 22.7V,
PWM output is shut down. Over-voltage conditions may
be caused by an open photo-coupler loop or a short
circuit in the output.
Oscillator Operation
The oscillation frequency is fixed at 65kHz.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs at the sense resistor. To avoid premature
termination of the switching pulse, a 310ns leading-
edge blanking time is built in. Conventional RC filtering
is not necessary. During this blanking period, the
current-limit comparator is disabled and it cannot switch
off the gate drive.
Constant Output Power Limit
When the SENSE voltage across the sense resistor RS
reaches the threshold voltage (around 1.0V), the output
GATE drive is turned off following a small propagation
delay tPD. This propagation delay introduces an
additional current proportional to tPD•VIN/LP. The
propagation delay is nearly constant regardless of the
input line voltage VIN. Higher input line voltages result in
larger additional currents. Under high input-line
voltages, the output power limit is higher than under low
input-line voltages.
Over a wide range of AC input voltages, the variation
can be significant. To compensate for this, the threshold
voltage is adjusted by adding a positive ramp (VLIMIT-
ramp). This ramp signal varies from 0.77V to 1.05V for
SG6849 and it flattens out at 1.05V. A smaller threshold
voltage forces the output GATE drive to terminate
earlier, reducing total PWM turn-on time and making the
output power equal to that of the low line input. This
proprietary internal compensation feature ensures a
constant output power limit over a wide range of AC
input voltages (90VAC-264VAC).
Under-Voltage Lockout (UVLO)
The turn-on / turn-off thresholds of the SG6849 are
fixed internally at 17V/8V. To enable the SG6849 during
startup, the hold-up capacitor must first be charged to
17V through the startup resistor.
The hold-up capacitor continues to supply VDD before
energy can be delivered from the auxiliary winding of
the main transformer. VDD must not drop below 8V
during this startup process. This UVLO hysteresis
window ensures that the hold-up capacitor can
adequately supply VDD during startup.


Similar Part No. - SG684965DZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-100D ETC2-SG6849-100D Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-100T ETC2-SG6849-100T Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-65D ETC2-SG6849-65D Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849-65T ETC2-SG6849-65T Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SG684965DZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6849 ETC2-SG6849 Datasheet
330Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com