Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1612-ADJIMS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1612-ADJIMS
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612-ADJIMS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1612-ADJIMS Datasheet HTML 6Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 7Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 8Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 9Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 10Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 11Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 12Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 13Page - Microchip Technology MCP1612-ADJIMS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MCP1612
DS21921B-page 10
© 2005 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1612 is a 1A synchronous buck converter
switching at 1.4 MHz to minimize external component
size and cost. While utilizing a fixed-frequency Current
mode
architecture,
the
MCP1612
provides
fast
response to sudden load changes, as well as
overcurrent protection in the event of a shorted load.
The input voltage range is 2.7V to 5.5V, while the
output voltage is adjustable by properly setting an
external resistor divider and can range from 0.8V to
VIN. Integrated soft-start, UVLO and overtemperature
protection minimize external circuitry and component
count.
4.2
Current Mode Control Scheme
The MCP1612 incorporates a Peak Current mode
control scheme. Peak Current mode is used to obtain
high gain in the PWM control loop for very fast
response to dynamic line and load conditions. With
both the P-channel and N-channel MOSFETs turned
off, the beginning of a cycle occurs on the negative
edge of the internal 1.4 MHz oscillator, the P-channel
MOSFET turns on and current ramps up into the buck
inductor. The inductor current is sensed and tied to one
input of a high-speed comparator. The other input of
the high-speed comparator is the error amplifier output.
This is the amplified difference between the internal
0.8V reference and the divided-down VOUT signal at
the FB pin of the MCP1612. When the sensed inductor
current ramps up to the point that is equal to the
amplified error signal, the high-speed comparator
output switches states and the P-channel MOSFET is
turned off until the beginning of the next clock cycle and
the N-channel is turned on. The width of the pulse (or
duty cycle) is ideally determined by the VOUT/VIN ratio
of the DC/DC converter. The actual duty cycle is slightly
larger to account for the non-ideal losses of the
integrated MOSFET switches and the losses in the
external inductor.
4.3
Low-Dropout Operation
The MCP1612 is capable of operating over a wide
range of input voltages. The PWM architecture allows
for the P-channel MOSFET to achieve 100% duty cycle
operation for applications that have minimal input volt-
age headroom. During 100% Duty Cycle mode, the
output voltage (VOUT) is equal to the Output Current
(IOUT) x Resistance (P-channel RDSON + RINDUCTOR).
4.4
Current Limit
Cycle-by-cycle current limit is used to protect the
MCP1612 from being damaged when an external short
circuit is applied. The typical peak current limit is 2.3A.
If the sensed inductor current reaches the 2.3A limit,
the P-channel MOSFET is turned off, even if the output
voltage is not in regulation.
4.5
Soft-Start
During normal power-up, as VIN rises above the UVLO
protection setting (or, in the case of a logic-low to logic-
high transition on the shutdown pin), the rise time of the
MCP1612 output voltage is controlled by the soft-start
feature. This is accomplished by allowing the output of
the error amplifier to slowly rise. This feature prevents
the output voltage from overshooting the desired value
and the sudden inrush of current, depleting the input
capacitors and causing a large dip in input voltage. This
large dip in the input voltage can trip the UVLO thresh-
old, causing the converter to shut down prior to reach-
ing steady-state operation.
4.6
Undervoltage Lockout (UVLO)
The UVLO feature uses a comparator to sense the
input voltage level (VIN). If the input voltage is lower
than the voltage necessary to properly operate the
MCP1612, the UVLO feature will hold the converter off.
When VIN rises above the necessary input voltage, the
UVLO is released and soft-start begins. For the
MCP1612, the UVLO protection threshold is at a
maximum of 2.7V. Hysteresis is built into the UVLO
circuit to compensate for input impedance. For
example, if there is any resistance between the input
voltage source and the converter (once it starts), there
will be a voltage drop at the converter input equal to
IIN x RIN. The typical hysteresis for the MCP1612 is
200 mV.
4.7
Overtemperature Protection
The MCP1612 has an integrated overtemperature
protection circuit that monitors the device junction
temperature and shuts the device off if the junction
temperature exceeds the typical 160°C threshold. If the
overtemperature threshold is reached, the soft-start is
reset so that, when the junction temperature cools to
approximately 151°C, the device will automatically
restart and the output voltage will not overshoot.
4.8
Shutdown Input Operation
The SHDN pin is used to turn the MCP1612 on and off.
When the SHDN pin is tied low, the MCP1612 is off.
When tied high, the MCP1612 will be enabled and
begin operation as long as the input voltage is not
below the UVLO threshold.


Similar Part No. - MCP1612-ADJIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612-I/MF MICROCHIP-MCP1612-I/MF Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612-I/MS MICROCHIP-MCP1612-I/MS Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
More results

Similar Description - MCP1612-ADJIMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Anpec Electronics Corop...
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com