Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP130 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP130
Description  Microcontroller Supervisory Circuit with Open Drain Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP130 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP130 Datasheet HTML 3Page - Microchip Technology MCP130 Datasheet HTML 4Page - Microchip Technology MCP130 Datasheet HTML 5Page - Microchip Technology MCP130 Datasheet HTML 6Page - Microchip Technology MCP130 Datasheet HTML 7Page - Microchip Technology MCP130 Datasheet HTML 8Page - Microchip Technology MCP130 Datasheet HTML 9Page - Microchip Technology MCP130 Datasheet HTML 10Page - Microchip Technology MCP130 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 7
MCP120/130
3.2
Package Detail Information
3-Lead Plastic Transistor Outline (TO) (TO-92)
4
3
2
4
3
2
β
Mold Draft Angle Bottom
6
5
4
6
5
4
α
0.56
0.48
0.41
.022
.019
.016
B
Lead Width
0.51
0.43
0.36
.020
.017
.014
c
Lead Thickness
2.41
2.29
2.16
.095
.090
.085
R
Molded Package Radius
4.95
4.64
4.32
.195
.183
.170
D
Overall Length
4.95
4.71
4.45
.195
.186
.175
E1
Overall Width
3.94
3.62
3.30
.155
.143
.130
A
Bottom to Package Flat
1.27
.050
p
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
R
n
1
3
α
p
L
B
A
c
β
1
D
2
E1
Tip to Seating Plane
L
.500
.555
.610
12.70
14.10
15.49
*Controlling Parameter
Mold Draft Angle Top
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: TO-92
Drawing No. C04-101


Similar Part No. - MCP130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP130 MICROCHIP-MCP130 Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP130-270DI MICROCHIP-MCP130-270DI Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP130-270FI MICROCHIP-MCP130-270FI Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP130-270GI MICROCHIP-MCP130-270GI Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP130-270HI MICROCHIP-MCP130-270HI Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
More results

Similar Description - MCP130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
   MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
   Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com