Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AY0438I Datasheet(PDF) 2 Page - Microchip Technology

Part # AY0438I
Description  32-Segment CMOS LCD Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438I Datasheet(HTML) 2 Page - Microchip Technology

  AY0438I Datasheet HTML 1Page - Microchip Technology AY0438I Datasheet HTML 2Page - Microchip Technology AY0438I Datasheet HTML 3Page - Microchip Technology AY0438I Datasheet HTML 4Page - Microchip Technology AY0438I Datasheet HTML 5Page - Microchip Technology AY0438I Datasheet HTML 6Page - Microchip Technology AY0438I Datasheet HTML 7Page - Microchip Technology AY0438I Datasheet HTML 8Page - Microchip Technology AY0438I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AY0438
DS70010I-page 2
© 1995 Microchip Technology Inc.
FIGURE 1: PIN DESCRIPTIONS
Pin # (PDIP Only)
Name
Direction
Description
1VDD
-
Supply voltage
2
Load
Input
Latch data from registers
3-29, 32, 33, 37-39
Seg 1-32
Output
Direct drive outputs
30
BP
Output
Backplane drive output
31
LCD
Φ
Input
Backplane drive input
34
Data In
Input
Data input to shift register
35
Data Out
Output
Data output from shift register
36
VSS
Ground
Ground
40
Clock
Input
System clock input
FIGURE 2: BLOCK DIAGRAM
32 Latches
Clock
Data in
Load
LCD
Φ
Data out
32 Outputs
Backplane
output
32 Segment Drivers
LCD AC
Generator
32-bit Static Shift Register
FIGURE 3: BACKPLANE AND SEGMENT
OUTPUT
SEG On
Backplane
SEG Off
FIGURE 4: TIMING DIAGRAM
START
CLOCK
Data in
Data out
Load
1/f
tDS
tDH
tPD
32
1
tPW
31
SEG 32
SEG 2
SEG 1
1.0
OPERATION:
1.1
Data In and Clock
The shift register shifts and outputs on the falling edge
of the clock. Every clock falling edge does a logical left
shift. As an example, if 32 clock pulses are supplied as
in Figure 4, then the data input at the first clock will out-
put at SEG 32, and the last data input (# 32) will output
at SEG 1 when a LOAD signal is enabled (Figure 2). It
is recommended that a complete 32 bit transfer be
done every time the outputs are updated. A logic 1 at
the Data In causes the corresponding segment to be
enabled or visible, i.e. the output at Segment Output is
180
° out-of-phase with the Backplane output
(Figure 3).
1.2
Load
A logic 1 at the Load input (Figure 2) causes the paral-
lel load of the data in the shift register into the latches
that control the segment drivers. If the Load signal is
tied high, then the latches become transparent and the
segment drivers are always connected to the shift reg-
isters.


Similar Part No. - AY0438I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AY0438IL MICROCHIP-AY0438IL Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438IP MICROCHIP-AY0438IP Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438IS MICROCHIP-AY0438IS Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
More results

Similar Description - AY0438I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
logo
List of Unclassifed Man...
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
   LCD Segment (Column) Driver CMOS
logo
List of Unclassifed Man...
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
   CMOS LCD 64-SEGMENT DRIVER
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
logo
List of Unclassifed Man...
SED1600 ETC1-SED1600 Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
SDI1621 ETC-SDI1621 Datasheet
311Kb / 8P
   4-segment 32-bit LCD driver
V1.1
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com