Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1363-BSTT-18 Datasheet(PDF) 3 Page - ams AG

Part # AS1363-BSTT-18
Description  1A Low Dropout Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363-BSTT-18 Datasheet(HTML) 3 Page - ams AG

  AS1363-BSTT-18 Datasheet HTML 1Page - ams AG AS1363-BSTT-18 Datasheet HTML 2Page - ams AG AS1363-BSTT-18 Datasheet HTML 3Page - ams AG AS1363-BSTT-18 Datasheet HTML 4Page - ams AG AS1363-BSTT-18 Datasheet HTML 5Page - ams AG AS1363-BSTT-18 Datasheet HTML 6Page - ams AG AS1363-BSTT-18 Datasheet HTML 7Page - ams AG AS1363-BSTT-18 Datasheet HTML 8Page - ams AG AS1363-BSTT-18 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ams.com/LDO
Revision 1.9
3 - 19
AS1363
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
IN, POK, EN, SET/BYP to GND
-0.3
+6
V
OUT to GND
-0.3
VIN +0.3
V
Output Short-Circuit Duration
1
min
Continuous Power Dissipation
800
mW
TAMB = +70ºC; derate 10mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Junction Temperature
+125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body temperature)
specified is in accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-
Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Moisture Sensitive Level
1
Represents an unlimited floor life time


Similar Part No. - AS1363-BSTT-18

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363-BSTT-18 AMSCO-AS1363-BSTT-18 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results

Similar Description - AS1363-BSTT-18

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ams AG
AS1364 AMSCO-AS1364_04 Datasheet
1Mb / 20P
   1A Low Dropout Linear Voltage Regulator
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
   1A Low Dropout Voltage Linear Regulator
VER 1.2
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com